PART |
Description |
Maker |
DS1249W DS1249W-150-IND DS1249W-100 DS1249W-100-IN |
3.3V 2048kb Nonvolatile SRAM 3.3V2048kb非易失SRAM CAPACITOR, CLASS Y2 33NFCAPACITOR, CLASS Y2 33NF; Capacitance:33nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 3.3 2048kb非易失SRAM CAPACITOR, CLASS Y2 27NFCAPACITOR, CLASS Y2 27NF; Capacitance:27nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. CAPACITOR, CLASS Y2 330NFCAPACITOR, CLASS Y2 330NF; Capacitance:330nF; Voltage rating, AC:250V; Voltage rating, DC:2500V; Capacitor dielectric type:Polypropylene; Series:B81122; Tolerance, :20%; Tolerance, -:20%; Temp, op. 3.3V 2048k Nonvolatile SRAM
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
PS12017-A |
Acoustic noise-less 3.0kW/AC400V Class 3 Phase inverter and other motor control applications FLAT-BASE TYPE INSULATED TYPE
|
Mitsubishi Electric Semiconductor POWEREX[Powerex Power Semiconductors]
|
UTV005P |
UHF TV 470-860 MHz, Class A, Common Emitter; fO (MHz): 860; P(out) (W): 0.5; Gain (dB): 10; Vcc (V): 20; ICQ (A): 0.22; IMD Type (dB): -60; Case Style: 55FU-2 UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.5 Watts, 20 Volts, Class A UHF Television - Band IV & V
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
MPR6000 |
EPC Class 0/1 and 0 in PCMCIA Type II Pkg.
|
WJ Communication. Inc.
|
MPR7000 |
EPC Class 0/1 and 0+ in PCMCIA Type II Pkg.
|
WJCI[WJ Communication. Inc.]
|
KLPC3500 KLPC6000 KLPC650 KLPC700 KLPC5000 KLPC100 |
KLPC series POWR-PRO class L fuse. Time-delay. 3500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 6000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 650A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 700A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 5000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1100A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1300A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1400A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1800A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1600A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1900A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 2000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 900A, 600VAC, 480VDC.
|
Littelfuse
|
LC103M LC104M |
EIA Class 3, Semiconductor Type Reduced Titanite Disc Ceramic Capacitors
|
Cornell Dubilier Electronics
|
APA2606NAI-TRG |
2.8W Stereo Class-D Audio Power Amplifier and Class AB Headphone Driver
|
Anpec Electronics Corop...
|
ECQU2A125L ECQU2A394L ECQU2A392L ECQU2A103L ECQU2A |
In accordance with UL/CSA and European safety regulation class X2 or class Y2/X2
|
Panasonic Semiconductor
|
MRF6S20010N MRF6S20010NR1 MRF6S20010GNR1 |
RF Power Field Effect Transistors The MRF6S20010NR1 and MRF6S20010GNR1 are designed for Class A or Class AB general purpose applications
|
Freescale Semiconductor, Inc MOTOROLA
|
MKP339X2 |
Class X2, AC 275V, C-range 1nF-4,7μF, 7,5-27,5mm pitch, boxed Interference Suppression Film Capacitors MKP Radial Potted Type
|
VISHAY
|
|