PART |
Description |
Maker |
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
MAX4641 MAX4641EGA MAX4641EUA MAX4642 MAX4642EGA M |
High-Speed, Low-Voltage, 4? Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4, Dual SPST CMOS Analog Switches High-Speed, Low-Voltage, 4з, Dual SPST CMOS Analog Switches High-Speed / Low-Voltage / 4 / Dual SPST CMOS Analog Switches High-Speed.Low-Voltage.4<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Dual SPST CMOS Analog Switches 高速,低电压,4з双通道SPST CMOS模拟开 High-Speed, Low-Voltage, 4蟹, Dual SPST CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LRB500V-40T1G LRB500V-40T1 |
Surface Mount Schotty Diode
|
LRC[Leshan Radio Company]
|
CMSD2005S |
SMD Switching Diode Dual: High Voltage: In Series SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
MBRB2090CT MBR2090CT MBR20100CT MBRB20100CT MBRF20 |
Dual High-Voltage Schottky Rectifiers 双高压肖特基整流 Dual High-Voltage Schottky Rectifiers, Forward Current 20A
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
SMBJ18 SMBJ120A SMBJ12A SMBJ24 SMBJ170A SMBJ150A S |
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR Transient Voltage Suppressors SMBJ5V0(C)A - SMBJ170(C)A SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS High Speec CMOS Logic Dual Monostable Multivibrator with Reset 16-CDIP -55 to 125 CMOS 8-Bit Priority Encoder 16-SOIC -55 to 125 CMOS Dual Binary to 1-of-4 Decoder/Demultiplexer with Outputs High on Select 16-SOIC -55 to 125 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 CMOS 24-Stage Frequency Divider 16-SOIC -55 to 125 CMOS Dual 64-Stage Static Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Dual Negative-Edge Trigger J-K Flip-Flops with Reset 14-CDIP -55 to 125 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 表面贴装瞬态电压抑制器
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Fairchild Semiconductor Bytes Electronics Industry Public Company Limited
|
CMPD2005S |
SURFACE MOUNT DUAL, IN SERIES HIGH VOLTAGE SILICON SWITCHING DIODES 0.225 A, 350 V, 2 ELEMENT, SILICON, SIGNAL DIODE SMD Switching Diode Dual: High Voltage: In Series
|
Central Semiconductor, Corp. Central Semiconductor Corp
|
OM5262SA OM5262SW |
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
List of Unclassifed Manufacturers
|
LRB520S-30T1G LRB520S-30T1 |
Surface Mount Schotty Diode SCHOTTKY BARRIER DIODE
|
LRC[Leshan Radio Company]
|
MSK183 MSK184G MSK185 MSK185G MSK182 MSK182G MSK18 |
DUAL HIGH VOLTAGE/ HIGH CURRENT OPERATIONAL AMPLIFIER
|
M.S. Kennedy Corporatio... MSK[M.S. Kennedy Corporation]
|