PART |
Description |
Maker |
M500470R1LK M500470T1LK-R M500460T1LK M500470R2PK- |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPVCXO 9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米的FR - 45.0伏,路CMOS / TTL / PECL LVDS的,HPVCXO 9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPVCXO 9x16毫米的FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPVCXO
|
MtronPTI
|
M8R_0611 M8R M8R11FAJ M8R11FAJ-R M8R11FCJ M8R11FCJ |
9x16 mm, 3.3 Volt, HCMOS/TTL, Clock Oscillator
|
MTRONPTI[MTRONPTI]
|
M50026ETLK M50026ETLK-R |
9x16 mm FR-4, 5.0 Volt, CMOS/TTL/PECL/LVDS, HPXO 9x16毫米的FR - 4.0伏,路CMOS / TTL / PECL LVDS的,HPXO
|
MtronPTI
|
74LCX652RM13TR |
LOW VOLT. CMOS OCTAL BUS TRANSCEIVER/REGISTER WITH 5 VOLT TOLERANT INPUTS AND OUTPUTS(3-STATE)
|
STMicroelectronics
|
AT29BV040A AT29BV040A-20TC AT29BV040A-20TI AT29BV0 |
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 4M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
ATMEL[ATMEL Corporation]
|
AM29F016 AM29F016-90 AM29F016-75 AM29F016-75FIB AM |
LM330 3-Terminal Positive Regulator; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail 16-Megabit097152*8-bit)CMOS 5.0 Volt-only,sector Erase Flash memory LM32 Dual Thermal Diode Temperature Sensor with SensorPath™ Bus; ; Qty per Container: 1 LM3310 Step-Up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch; Package: LLP; No of Pins: 24; Qty per Container: 4500; Container: Reel 16兆位097152 × 8位)CMOS 5.0伏只,扇区擦除闪 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO44 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 150 ns, PDSO48 16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 2M X 8 FLASH 5V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. SPANSION LLC
|
S29CD016J1JFAM033 S29CD016J1JFAM133 S29CD016J0JFAM |
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PQFP80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O 32/16兆位的CMOS 2.6伏或3.3伏,只有同时写,双启动,突发模式闪存记忆体与VersatileI /输出
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
VCA3-B6C-25M00 VCA3-F3D-25M00 VCA3-E2H-25M00 VCA3- |
CRYSTAL OSCILLATOR, CLOCK, 0.32768 MHz - 160 MHz, CMOS OUTPUT 3.3, 5.0 volt CMOS Oscillator 3.3, 5.0 volt CMOS Oscillator
|
Vectron International, Inc Vectron International, ...
|
AMD29F010B AM29F010B-90PI AMD29F010B-45EE AMD29F01 |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only / Uniform Sector Flash Memory 20V Single N-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML2402 with Tape and Reel Packaging 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位128亩8位)的CMOS 5.0伏只,统一部门快闪记忆
|
Advanced Micro Devices, Inc.
|
FAN2508 FAN2509S25 FAN2509S30 FAN2509S285 FAN2508X |
50 mA CMOS LDO Regulators VOLT REGULATOR|FIXED| 2.5V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 3V|CMOS|TSOP|6PIN|PLASTIC VOLT REGULATOR|FIXED| 2.85V|CMOS|TSOP|6PIN|PLASTIC
|
Fairchild Semiconductor
|
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|