PART |
Description |
Maker |
LM335Z LM335 LM335AZ LM235Z LM235ZT LM135ZT |
Precision temperature sensors ANALOG TEMP SENSOR-VOLTAGE, 2.95-3.01V, 1Cel, ROUND, THROUGH HOLE MOUNT
|
STMicroelectronics
|
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
6264C-45M/BUAJC 6264C-35M/BUAJC 6264C-70M/BUAJC 62 |
Dual Mode™ 5V Programmable Micropower Voltage Regulators 145°C Precision SMBus-Compatible Remote/Local Sensors with Overtemperature Alarms Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms Dual Mode™ 5V Programmable Micropower Voltage Regulators x8的SRAM x8 SRAM x8的SRAM
|
Xicon Passive Components Ecliptek, Corp.
|
B59100C0920A070 B59100C0010A070 B59100C0050A070 B5 |
Sensors Limit Temperature Sensors, Leaded Disks, Coated
|
EPCOS[EPCOS]
|
KTY81/121 KTY81/150 |
Silicon temperature sensors KTY81-1 series; Silicon temperature sensors
|
Philips
|
MAX6657 MAX6657-MAX6659 MAX6657MSA MAX6658 MAX6658 |
1C / SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms 【1∑C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms 1C SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms 1C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
PEEL18CV8C-30 PEEL18CV8P-30 PEEL18CV8J30 PEEL18CV8 |
Precision Reference; Package: METAL CAN; No of Pins: 8; Temperature Range: -55° to 125°C Low Noise, High Speed Precision Operational Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C ASIC 专用集成电路 5V Bandgap Reference; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 电可擦除可编程逻辑器件
|
Amphenol, Corp. Rochester Electronics, LLC
|
DS1623 |
High Resolution Temperature Measurementwith Dallas Direct-to -digital Temperature Sensors(数字温度 DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc.
|
RMOB001AFMH RMOP015AFMP RMOB001AFMP RMOB001AFD RMO |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
SCX100AN SCX100DN |
Precision compensated pressure sensors
|
Sensortechnics GmbH
|
CPCL04DC CPCL04DFC CPCL04GC CPCL04GFC CPCL10DFC CP |
Precision compensated pressure sensors / mV-output
|
Sensortechnics GmbH
|
ABL004-00E |
Precision Gear Tooth and Encoder Sensors
|
List of Unclassifed Man...
|