PART |
Description |
Maker |
JFW050F JFW050F1 |
IC Converter DC-DC Step Down 48VIN Power Module: dc-dc Converter, 36 to 75 Vdc Input, 3.3 Vdc Output
|
Tyco Electronics
|
AT80C5112 |
DC-DC Converter, 15Watt, Input VDC: 9~36, Output VDC: 12, Max Output Current(A): 1.25, Package: 2x1, Isolation(VDC): 1500, Operating Temp. -40C
|
Atmel Corp.
|
SS25-B-A-A SS25-B-B-A SS25-A-A-A SS25-A-B-A |
DC-DC REG PWR SUPPLY MODULE 5 Vdc Input, 3.3 Vdc Output DC/DC Converter
|
Murata Power Solutions Inc.
|
LANC243.3W12-S LANC243.3W12 |
DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
|
Wall Industries,Inc.
|
LANC2415W12-S |
DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
|
Wall Industries,Inc.
|
LANC245.1W12 LANC245.1W12-S |
DC/DC Converter 18-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
LANC2412W12 |
DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC1212W12 |
DC/DC Converter 9-18 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC2412UW12 |
DC/DC Converter 9-36 VDC Input 12 VDC Output at 1.0A
|
Wall Industries,Inc.
|
LANC2405UW12 LANC2405UW12-S |
DC/DC Converter 9-36 VDC Input 5.1 VDC Output at 2.4A
|
Wall Industries,Inc.
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|