PART |
Description |
Maker |
7924 78M05 78M12 78L12 7818 78L08 7805 78M08 7808 |
Ultralow Power, Rail-to-Rail Output Operational Amplifier (Dual); Package: SOIC; No of Pins: 8; Temperature Range: Industrial 3 terminal voltage regulators LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
|
Electronic Theatre Controls, Inc. CODI List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
EL8203 EL5427CRZ-T7 EL8403IUZ-T7 EL5127 EL5127_06 |
500MHz Rail-to-Rail Amplifiers(500MHz轨至轨放大器) 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
INTERSIL[Intersil Corporation]
|
LA6500 |
Monolithic Linear IC
|
Sanyo
|
LA5629 |
Monolithic Linear IC
|
Sanyo
|
LA4192 |
Monolithic Linear IC
|
Sanyo
|
LA5615 |
Monolithic Linear IC
|
Sanyo
|
LA4165M |
Monolithic Linear IC
|
Sanyo
|
LA5588 |
Monolithic Linear IC
|
Sanyo
|
LA3600 |
Monolithic Linear IC
|
Sanyo
|
LA4275 |
Monolithic Linear IC
|
Sanyo
|