PART |
Description |
Maker |
ISPLSI2064VE ISPLSI2064VE-100LB100 ISPLSI2064VE-10 |
3.3V In-System Programmable High Density SuperFAST?PLD 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 7 ns, PQFP44 CRYSTAL 16.0 MHZ 20PF SMD EE PLD, 13 ns, PQFP100 CRYSTAL 20.0 MHZ 20PF SMD RES 180K-OHM 1% 0.063W 200PPM THK-FILM SMD-0402 TR-7-PA2MM 3.3V In-System Programmable High Density SuperFAST PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 280 MHz 3.3V in-system prommable superFAST high density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ATMEGA8515-16MC ATMEGA8515-8AC ATMEGA8515-8JI ATME |
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash 8-bit microcontroller with 8K bytes In-system programmable flash. Speed 16 MHz. Power supply 4.5 - 5.5 V.
|
Atmel
|
ICS94201 ICS94201YFT |
Programmable System Frequency Generator for PII/III??/span> Programmable System Frequency Generator for PII/III 可编程系统频率发生器有价证券/三⑩ 815 3 DIMM Single Chip, Programmable, 9250-25 Pin Out
|
ON Semiconductor ICST[Integrated Circuit Systems]
|
XC95108 XC95108-10 XC95108-7TQ100C XC95108-7PQ160C |
XC95108 In-System Programmable CPLD FLASH PLD, 15 ns, PQCC84 Product Specification From old datasheet system XC95108 In-System Programmable CPLD
|
Xilinx, Inc. XILINX[Xilinx, Inc]
|
ISPLSI2128E-100LT176 ISPLSI2128E-135LT176 ISPLSI21 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFAST?/a> High Density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPPAC-POWR607 |
In-System Programmable Power Supply
|
Lattice Semiconductor
|
TL431AIDM TL431B TL431A TL431 TL431ACDM TL431ACLP |
PRECISION PROGRAMMABLE REFERENCES EMI//RFI Multipurpose Power Line Filter, 2-Stage, DV Series, 330 kohm Resistance, 5500 pF C y, 3 Amp Current, 0.22 micro F,C 1, 0.22 micro F C 2 From old datasheet system Voltage Reference - Programmable
|
MICROSEMI[Microsemi Corporation]
|
ISPLSI2192VL-100LB144 ISPLSI2192VL-100LT128 ISPLSI |
2.5V In-System Programmable SuperFAST High Density PLD TRIAC STANDARD 12A 400V TO-220AB 2.5V In-System Programmable SuperFASTHigh Density PLD
|
Lattice Semiconductor Corporation
|
XC18V00-SERIES-OF-IN-SYSTEM-PROGRAMMABLE XC18V256V |
XC18V00 Series of In-System Programmable Configuration PROMs In-system programmable configuration PROM.
|
Xilinx
|
UPSD3212AV-24T6T UPSD3212AV-40U6T UPSD3212C-40U6 U |
FLASH PROGRAMMABLE SYSTEM DEVICES WITH 8032 MCU WITH USB AND PROGRAMMABLE LOGIC
|
STMICROELECTRONICS[STMicroelectronics]
|
SMB113 |
Four Channel Programmable DC-DC System Power Manager
|
SUMMIT[Summit Microelectronics, Inc.]
|