PART |
Description |
Maker |
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ATATMEGA3250PA ATATMEGA325A ATATMEGA325PA ATATMEGA |
8-bit Atmel Microcontroller with 16/32/64K Bytes In-System Programmable Programmable
|
ATMEL Corporation
|
LC5256MC LC5256MC-4F256C LC5256MC-5F256C LC5256MC- |
3.3V, 2.5V and 1.8V In-System Programmable eXpanded Programmable Logic Device XPLD⑩ Family
|
LATTICE[Lattice Semiconductor]
|
MC10E195 MC10E195_D MC100E195 ON0640 |
From old datasheet system PROGRAMMABLE DELAYCHIP PROGRAMMABLE DELAY CHIP
|
ONSEMI[ON Semiconductor]
|
81080V ISPLSI81080V-60LB272 ISPLSI81080V-90LB492 I |
3.3V In-System Programmable SuperBIG High Density PLD 3.3V In-System Programmable SuperBIGHigh Density PLD EE PLD, 14.5 ns, PBGA492 3.3V In-System Programmable SuperBIGHigh Density PLD 3.3在系统可编程SuperBIG⑩高密度可编程逻辑器件
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI5512VA-70LB388 ISPLSI5512VA-70LB272 ISPLSI55 |
Electrically-Erasable Complex PLD In-System Programmable 3.3V SuperWIDEHigh Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD In-System Programmable 3.3V SuperWIDE?High Density PLD
|
Lattice Semiconductor Corporation
|
ISPLSI2032A-110LT48I ISPLSI2032A-135LJI ISPLSI2032 |
In-System Programmable High Density PLD EE PLD, 8 ns, PQFP44 In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件 In-System Programmable High Density PLD EE PLD, 10 ns, PQCC44 In-System Programmable High Density PLD EE PLD, 10 ns, PQFP48 In-System Programmable High Density PLD EE PLD, 7.5 ns, PQFP44
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ML2035 ML2035IP ML2035CP |
DC - 25kHz Programmable Sinewave Generator Serial Input Programmable Sine Wave Generator From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|