PART |
Description |
Maker |
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRL1404L IRL1404S 2227 |
40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET-R Power MOSFET From old datasheet system HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFS9N60A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
Fairchild Semiconductor International Rectifier
|
IRFR430A IRFU430A IRFU430APBF |
500V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
IRF[International Rectifier]
|
IRL3202S 2247 |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V的单个N -沟道HEXFET功率MOSFET的一项D2 - PAK封装 From old datasheet system HEXFET? Power MOSFET
|
International Rectifier, Corp.
|
IRLI3803 2315 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IRF7475 |
HEXFET Power MOSFET Selection for Non-Isolated DC/DC Converters From old datasheet system 12V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRFPE50 IRFPE50PBF |
800V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=800V, Rds(on)=1.2ohm, Id=7.8A)
|
International Rectifier
|