PART |
Description |
Maker |
28C011TRT1FS 28C011TRPFS 28C011TRPFS-20 28C011TRPF |
1 Megabit (128K x 8-Bit) EEPROM 1兆位128K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 1兆位28K的8位)的EEPROM 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 200 ns, DFP32 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 5V, 120 ns, DFP32 CONNECTOR ACCESSORY POT 100K OHM THUMBWHEEL CERM ST
|
http:// NXP Semiconductors N.V. Maxwell Technologies, Inc
|
AM50DL9608GT75IS AM50DL9608GT70IS AM50DL9608GT70IT |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|
S29CD016G0JQFA212 S29CD032G0MFAA102 S29CD016G0MQAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
|
SPANSION
|
AM49DL322BGT85T AM49DL322BGT85S AM49DL323BGB70T AM |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装MCP)闪存和SRAM32兆位M × 8 2米x 16位)3.0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Advanced Micro Devices, Inc.
|
L640MB10PI L640MB10NI L640MB11PI L640MB12NI L640MB |
64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 64兆位个M x 16八米× 8位)的MirrorBit.0伏,只引导扇区闪 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 4M X 16 FLASH 3V PROM, 90 ns, PBGA63 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit3.0 Volt-only Boot Sector Flash Memory 64兆位M x 16八米× 8位)MirrorBit.0伏,只引导扇区闪 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
EN71PL032A0-70CWP EN71PL032A01 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
S29CD016G0MFFA202 S29CD016G0MFAA212 S29CD016G0JFAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位12k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位512k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80
|
Spansion Inc. Spansion, Inc.
|
AM42DL640AG25IT AM42DL640AG45IT AM42DL640AG70IT |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM 64兆位米8 4x 16位).0伏的CMOS只,同时作业闪存6兆位米16位),静态存储器 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc.
|
AM49DL320BGB701T AM49DL320BGT701T AM49DL320BGT701S |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装(MCP)闪存和SRAM2兆位个M × 8 2米x 16位).0伏的CMOS只,同时 Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装(MCP)闪存和SRAM2兆位4个M × 8 2米x 16位).0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion, Inc. Spansion Inc. ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AM29DL320GT90PCI AM29DL320GT90WDFN AM29DL320GT50WD |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 2M X 16 FLASH 3V PROM, 90 ns, PBGA64 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory 32兆位个M × 8 2x 16位).0伏的CMOS只,同时作业快闪记忆
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|