PART |
Description |
Maker |
AB28F400BX-T90 A28F400BX-B AB28F400BX-B90 |
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT 256K x16/ 512K x8 BOOT BLOCK FLASH MEMORY FAMILY JT 23C 2#16 21#20 SKT RECP JT 32C 32#20 PIN RECP 4-MBIT (256K x16. 512K x8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56K x16。为512k × 8)启动块闪存系列 4-MBIT (256K x16, 512K x8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel Corporation Intel Corp. Intel, Corp.
|
CY14B104NA-ZSP20XCT CY14B104NA-ZSP20XIT CY14B104LA |
4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 256K X 16 NON-VOLATILE SRAM, 20 ns, PDSO54 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 512Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: FBGA 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: FBGA
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CY7C1360C-166AXC CY7C1360C-166BGC CY7C1360C-166BZI |
9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 3 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 3 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 QDR SRAM, 3 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 3.5 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 512K X 18 QDR SRAM, 3 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 2.8 ns, PQFP100 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 512K X 18 CACHE SRAM, 3.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 3.5 ns, PBGA165 9-Mbit (256K x 36/512K x 18) Pipelined SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA119
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CAT34WC02W-TE13 CAT34WC02Y-TE13 CAT34WC02Y-1.8TE13 |
MoBL® 2-Mbit (256K x 8) Static RAM MoBL® 8-Mbit (512K x 16) Static RAM MoBL2 4-Mb (256K x 16) Static RAM MoBL® 4-Mbit (256K x 16) Static RAM 5V, 3.3V, ISR High-Performance CPLDs Licorice Board (CY22150 Candy Board) EEPROM MoBL® 4-Mbit (512K x 8) Static RAM EEPROM MoBL2™ 4-Mb (256K x 16) Static RAM EEPROM MoBL® 2-Mbit (128K x 16) Static RAM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
Bourns, Inc. 3M Company
|
27C4100 27C4096 MX27C4096 MX27C4096PI-12 MX27C4096 |
(MX27C4100 / MX27C4096) 4M-BIT [512K x 8/256K x 16] CMOS EPROM 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 120 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 100 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDIP40 4M-BIT [512K x 8/256K x 16] CMOS EPROM 256K X 16 OTPROM, 150 ns, PDSO40 Single Output LDO, 50mA, Fixed(3.0V), Low Quiescent Current, Thermal Protection 5-SOT-23 256K X 16 OTPROM, 100 ns, PDIP40
|
Macronix International Co., Ltd.
|
CY7C1366B-200BGI CY7C1366B-200BGC CY7C1366B-225BGI |
Low Cost, 300 MHz Rail-to-Rail Amplifier (Single); Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 512K X 18 CACHE SRAM, 3.5 ns, PQFP100 CONNECTOR ACCESSORY 512K X 18 CACHE SRAM, 3 ns, PQFP100 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 512K X 18 CACHE SRAM, 2.8 ns, PBGA119 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 256K X 36 CACHE SRAM, 2.8 ns, PBGA165 9-Mb (256K x 36/512K x 18) Pipelined DCD Sync SRAM 9 - MB的(256 × 36/512K × 18)流水线双氰胺同步静态存储器
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
CY14B104L-BA45XCT CY14B104N-BA45XCT CY14B104L-BA45 |
4-Mbit (512K x 8/256K x 16) nvSRAM
|
Cypress Semiconductor
|
CY14E104L-BA45XCT CY14E104N-BA45XCT CY14E104L-ZS25 |
4 Mbit (512K x 8/256K x 16) nvSRAM
|
http:// Cypress Semiconductor
|
E28F004BX-B80 E28F004BX-B60 E28F004BX-T120 28F400B |
4-MBIT (256K X 16. 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56 × 16。为512k × 8)启动块闪存系列 OSC 5V SMT PLAS 14X9 CMOS LENS, ROUND, RED; Colour:Red; Diameter, external:29mm RoHS Compliant: Yes Series RR3130 round rocker switches have an ergonomic euro design and panel mounting ACTUATOR, SWITCH, ROUND, MOMENTARY; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:1000000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes Evaluation Kit for the MAX5944 Series RR3112 round rocker switches have an ergonomic feel and multiple circuit options 4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16/ 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Electronic Theatre Controls, Inc. PROM Intel Corp. Intel Corporation
|
F49L400BA-90T F49L400UA-70T F49L400UA-90T |
4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
|
Elite Semiconductor Memory Technology Inc.
|