PART |
Description |
Maker |
BTW67-1200RG BTW67-600RG BTW67-800RG BTW69-800RG B |
BTW67 and BTW69 Series 50A SCRS 50A standard SCRs
|
http:// STMicroelectronics ST Microelectronics
|
RURG50120 FN3740 |
50A, 1200V Ultrafast Diode(50A, 1200V 瓒?揩??????) 50A, 1200V Ultrafast Diode(50A, 1200V 超快速二极管) 50 A, 1200 V, SILICON, RECTIFIER DIODE 50A 1200V Ultrafast Diode From old datasheet system
|
HARRIS SEMICONDUCTOR Intersil, Corp. INTERSIL[Intersil Corporation]
|
OKDY-T |
50A Digital PoL DC-DC Converter Series
|
Murata Power Solutions ...
|
PTMB50B12C |
IGBT SP series Six-Pack 50A 1200V
|
Nihon Inter Electronics Corporation
|
7MBP50VDA060-50 |
IGBT MODULE (V series) 600V / 50A / IPM
|
Fuji Electric
|
6MBI50VA-060-50 |
IGBT MODULE (V series) 600V / 50A / 6 in one package
|
Fuji Electric
|
1MBI50U4F-120L-50 |
IGBT MODULE (U series) 1200V / 50A / 1 in one package
|
Fuji Electric
|
7MBP50TEA120 |
Econo IPM series 1200V / 50A 7 in one-package
|
ETC Fuji Electric
|
BK/PCB-2-1/2 BK/PCB-1-1/2 PCD-5 PCE-5 |
FUSE 2-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 1-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 1.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE PC Board Fuse; Leaded Process Compatible:No; Fuse Type:Fast Acting; Peak Reflow Compatible (260 C):No; Series:PC-Tron ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
0267.125V 0267.250V 0267.250VXT 0266005.V 0265.062 |
265/266/267 Series, PICO?, Very Fast-Acting Fuse (High-Reliability) VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Littelfuse
|
IMP38C42_D IMP38C42EMA IMP38C42EPA IMP38C42EPD IMP |
BiCMOS Current-Mode PWM Controllers BiCMOS Cur BiCMOS Curr rent-Mode ent-Mode PWM Contr PWM Controller ollers s From old datasheet system BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode External Plug-In Power Supply; Series:FW30; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Input Current:2.50A; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No RECTIFIER BRIDGE 1.5A 800V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE RECTIFIER STANDARD SINGLE 1A 400V 400 25A-ifsm 3uA-ir 1.1V-vf PowerDI123 3K/REEL 的BiCMOS电流模式PWM控制 RECTIFIER BRIDGE 1.5A 1000V 50A-ifsm 1.1V-vf 10uA-ir DFS 50/TUBE 的BiCMOS电流模式PWM控制 SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, UUC SWITCHING CONTROLLER, PDSO8 0.5 A SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO8
|
IMP[IMP Inc] A1 PROs co., Ltd. IMP[IMP, Inc] IMP Inc IMP INC.
|