PART |
Description |
Maker |
ADUC844 ADUC844BCP32-3 ADUC844BCP32-5 ADUC844BCP62 |
MicroConverter/ Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU MicroConverter? 1-Cycle 8052 MCU 24-Bit ADC 16-Bit ADC 12-Bit DAC 62 K-Byte Flash MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
|
AD[Analog Devices]
|
MMST4124-7 |
200 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR ULTRA SMALL, PLASTIC PACKAGE-3
|
Diodes, Inc.
|
ADUC832BCP ADUC832BS |
MicroConverter/ 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU 8-BIT, FLASH, 16.78 MHz, MICROCONTROLLER, PQFP52
|
Analog Devices, Inc.
|
BC846AW BC848AW-7-F BC848BW-7-F BC846BW BC847CW-7- |
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS NPN BIPOLAR 45V SOT-323 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC PACKAGE-3
|
Diodes Incorporated Diodes Inc. Diodes, Inc.
|
ADUC812BSZ ADUC812BSZ-REEL ADUC812-15 |
MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
|
Analog Devices
|
ADUC836BS |
MicroConverter/ Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
|
Analog Devices
|
1SS193 |
Small Package Low forward voltage :VF(3) = 0.9 V(Typ.) Small Total Capacitance :CT = 0.9pF(Typ.)
|
TY Semiconductor Co., Ltd
|
1SS190 |
Small Package Low forward voltage :VF(3) = 0.92 V(Typ.) Small Total Capacitance :CT = 2.2pF(Typ.)
|
TY Semiconductor Co., Ltd
|
2N7002DW-7 |
115 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ULTRA SMALL, PLASTIC PACKAGE-6
|
Diodes, Inc.
|
ADUC816 ADUC816BS |
MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU From old datasheet system
|
AD[Analog Devices]
|
OM4007ST OM4003ST OM4005ST OM4003 OM4004ST OM4006S |
10 AMP SCHOTTKY RECTIFIER IN SMALL HERMETIC PACKAGE 10V 80A Hi-Rel Schottky Discrete Diode in a T-2 package
|
List of Unclassifed Manufac... List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
ADUC812 ADUC812BS |
MicroConverter⑩, Multichannel 12-Bit ADC with Embedded FLASH MCU MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU MicroConverter Multichannel 12-Bit ADC with Embedded FLASH MCU MicroConverter, Multichannel 12-Bit ADC with Embedded FLASH MCU
|
AD[Analog Devices]
|