PART |
Description |
Maker |
MC33166TVG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
ON Semiconductor
|
LTC1267-ADJ5 |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C
|
Linear Technology Corporation
|
AD8009AR-REEL7 AD8009JRT-REEL |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Amplifier. Other 放大器。其
|
Analog Devices, Inc.
|
LT1425ISPBF LT1425ISTRPBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
MC3416705 MC34167TVG MC33167 MC33167D2T MC33167D2T |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 8 A SWITCHING REGULATOR, 81 kHz SWITCHING FREQ-MAX, PSFM5 5.0 A, Step−Up/Down/Inverting Switching Regulators
|
ONSEMI[ON Semiconductor]
|
AM2147-35PCB AM2147-70DC AM2147-70PC AM2147-70LC A |
Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Dual and Quad 25MHz, 600V/µs Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Dual and Quad 50MHz, 800V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 500kHz High Efficiency 6A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: -40°C to 85°C Dual and Quad 70MHz, 1000V/µs Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 500mA Negative Low Dropout Micropower Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1的SRAM
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC Molex, Inc.
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AM27C040-120/BUA AM27C040-120/BXA AM27C040-120LIB |
Dual PowerPath Switch Driver; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual Protected High Side Switches; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Differential Bus Transceiver; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Noise, Switched Capacitor-Regulated Voltage Inverters; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C SIM Power Supplyand Level Translator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C Single and Dual PCMCIA Protected 3.3V/5V VCC Switches; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Very Low Noise, Low Distortion Active RC Quad Universal Filter; Package: SSOP; No of Pins: 20; Temperature Range: 0°C to 70°C Low Power RS485 Transceiver with Receiver Fail-Safe; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C x8存储 1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
Samsung Semiconductor Co., Ltd. Advanced Micro Devices, Inc.
|
LT3431IFE LT3431-15 |
High Voltage, 3A,500kHz Step-Down Switching Regulator High Voltage, 3A, 500kHz Step-Down Switching Regulator
|
Linear Technology
|
LT3435 |
High Voltage 3A & 500kHz Step-Down Switching Regulator
|
Linear Technology
|
NB634EL NB634EL-LF-Z |
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
|
MPS Industries, Inc.
|