PART |
Description |
Maker |
AAT1217ICA-1.2-T1 AAT1217ICA-3.3-T1 AAT1217ICA-5.0 |
600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
|
Skyworks Solutions Inc.
|
LTC3400ES6TRPBF |
600mA, 1.2MHz Micropower Synchronous Boost Converters in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp.
|
MIC2225-4MYMT MIC2225-4SYMT MIC2225-G4YMT MIC2225- |
2MHz 600mA Synchronous Buck Regulator with 300mA LDO
|
Micrel Semiconductor,Inc.
|
RT8003 |
600mA, 2MHz, High-Efficiency
Synchronous Buck PWM Converter
|
RICHTEK
|
MIC2800-G4SYML MIC2800-A4SYML MIC2800-G7SYML MIC28 |
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
|
Micrel Semiconductor
|
LTC3429 3429F |
From old datasheet system 600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
|
Linear Technology
|
LT1930 LT1930A LT1930AES5 LT1930ES5 LT1930-15 LT19 |
From old datasheet system DC to DC Converter - Datasheet Reference 2.2MHz Boost DC/DC Converter in SOT-23 1A, 1.2MHz/2.2MHz,
Step-Up DC/DC Converters
in ThinSOT 1A/ 1.2MHz/2.2MHz/ Step-Up DC/DC Converters 1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
|
LINER[Linear Technology] Linear Technology Corporation
|
AM29LV040B AM29LV040BB-120EC AM29LV040BB-120ECB AM |
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory 4兆位12亩8位).0伏的CMOS只,均匀部门32引脚闪存 LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5; Package: SOT-23; No of Pins: 5; Qty per Container: 3000; Container: Reel 4兆位12亩8位).0伏的CMOS只,均匀部门32引脚闪存 LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 4兆位512亩8位).0伏的CMOS只,均匀部门32引脚闪存 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only/ Uniform Sector 32-Pin Flash Memory LM3658 Dual Source USB/AC Li Chemistry Charger IC for Portable Applications; Package: LLP; No of Pins: 10; Qty per Container: 1000; Container: Reel LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits; Package: SOT-23; No of Pins: 5; Qty per Container: 3000; Container: Reel LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel LM3671 2MHz, 600mA Step-Down DC-DC Converter; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
MIC2601 MIC2601YML MIC2602YML MIC2602 |
1.2A, 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
|
Micrel Semiconductor
|
EDI2CG472128V10D2 EDI2CG472128V85D2 EDI2CG472128V- |
4x128Kx72, 3.3V Sync/Sync Burst SRAM(4x128Kx72, 3.3V0ns,同步/同步脉冲静态RAM模块) 4x128Kx723.3同步/同步突发静态存储器x128Kx723.3伏,10纳秒,同同步脉冲静态内存模块) 4x128Kx72, 3.3V Sync/Sync Burst SRAM(4x128Kx72, 3.3V.5ns,同步/同步脉冲静态RAM模块) 4x128Kx72.3同步/同步突发静态存储器x128Kx72.3伏,8.5ns,同同步脉冲静态内存模块) 4x128Kx72, 3.3V Sync/Sync Burst SRAM(4x128Kx72, 3.3V锛?.5ns,???/?????????RAM妯″?) SSRAM Modules
|
Bourns, Inc. Electronic Theatre Controls, Inc.
|
LBT13013 |
130.2MHz SAW Filter 6.2MHz Bandwidth
|
SIPAT Co,Ltd
|