PART |
Description |
Maker |
BDCA-10-25 |
Bi-Directional Coupler 800 MHz - 2500 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX
|
ETC Mini-Circuits
|
ZFDC-20-5-N ZFDC-20-5-S ZFDC-20-5 |
Directional Coupler 0.1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX
|
MINI[Mini-Circuits]
|
ADC-18-4-75R |
Directional Coupler 75楼? 20 to 1000 MHz Directional Coupler 75惟 20 to 1000 MHz Directional Coupler 75Ω 20 to 1000 MHz
|
Mini-Circuits
|
ADC-20-4-75R |
Directional Coupler 75楼? 40 to 1000 MHz Directional Coupler 75惟 40 to 1000 MHz Directional Coupler 75Ω 40 to 1000 MHz
|
Mini-Circuits
|
ADC-10-4-75R |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits
|
CBN-30M-1.5G CBN-30M-3G CBN-30M-4G CBN-30M-6G CBN- |
5000 MHz - 11000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX DIRECTIONAL COUPLERS
|
MERRIMAC INDUSTRIES INC http:// Merrimac Industries, Inc.
|
CHP-6018-D-40-30-FM CHP-6018-S-40-MM CHP-2080-D-40 |
6000 MHz - 18000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 6000 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.35 dB INSERTION LOSS-MAX 2000 MHz - 8000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX 1000 MHz - 4000 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 0.15 dB INSERTION LOSS-MAX
|
RLC ELECTRONICS INC
|
LRDC-12-1-75J |
Directional Coupler 75楼? 5 to 600 MHz Directional Coupler 75Ω 5 to 600 MHz
|
Mini-Circuits http://
|
ADC-10-1R |
Directional Coupler 50Ω 5 to 900 MHz Directional Coupler 50ヘ 5 to 900 MHz
|
Mini-Circuits
|
ADC-6-10-75 |
Directional Coupler 75Ω 20 to 1000 MHz Directional Coupler 75ヘ 20 to 1000 MHz
|
Mini-Circuits
|
LRDC-10-1-75J |
Directional Coupler 75Ω 5 to 600 MHz Directional Coupler 75ヘ 5 to 600 MHz
|
http:// Mini-Circuits
|
LRDC-12-1-75 |
Directional Coupler 75楼? 5 to 600 MHz Directional Coupler 75Ω 5 to 600 MHz
|
Mini-Circuits
|