PART |
Description |
Maker |
Z8PE002SZ010EC Z8PE002SZ010SC Z8PE002CZ010EC |
FEATURE-ENHANCED Z8PLUS 0.5K ROM ONE-TIME PROGRAMMABLE(OTP) MICROCONTROLLER 8-BIT, OTPROM, 10 MHz, MICROCONTROLLER, PDSO18
|
ZiLOG, Inc. ZILOG INC
|
AT89C51AC3-SLSUM |
Enhanced 8-bit Microcontroller with 64KB Flash Memory 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQCC44
|
Atmel, Corp.
|
UPD703111GM-13-UEU UPD703111GM-10-UEU UPD703081 UP |
32-bit RISC microcontroller (V850E/ME2) 32-bit microcontroller incorporating controller for driving automobile meter 100-pin general-purpose 32-bit single-chip microcontroller (V850ES/SG2) 100-pin version with on-chip IEBus 32-bit SC microcontroller (V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1) 100-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SG2) 100pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SG2) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1 ) Ultra-low-voltage 32-bit RISC microcontroller 144-pin general-purpose 32-bit single-chip microcontroller (V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 144-pin IEBus inclusion 32-bit single-chip microcontroller(V850ES/SJ2) 144-pin IEBus inclusion 32-bit single-chip microcontroller (V850ES/SJ2) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1 ) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1 ) 64-pin general-purpose 32-bit single-chip microcomputer(V850ES/KE1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 32-bit RISC single-chip microcontroller(V850/SB1:Low-noise Enhanced version ) 32-bit RISC single-chip microcontroller(V850/SB2:Low-noise Enhanced version) UPD703229Y Series 32-bit single-chip microcontroller with V850ES core 144pin CAN controller inclusion 32bit single-chip microcontroller(V850ES/SJ2) 144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1 ) 100-pin version with on-chip IEBus 32-bit SC microcontroller(V850ES/SG2) 100-pin version with on-chip CAN 32-bit single-chip microcontroller (V850ES/SG2) 32-bit RISC single-chip microcontroller Inclusion delta-sigma modulation A/D
|
NEC
|
T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
ATMEL Corporation
|
T89C51CC02CA-RATIM T89C51CC02UA-TISIM T89C51CC02 T |
Enhanced 8-bit Microcontroller with CAN Controller and Flash
|
ATMEL[ATMEL Corporation]
|
T89C51CC02CA-TISIM T89C51CC02UA-TISIM |
Enhanced 8-bit Microcontroller with CAN Controller and Flash
|
ATMEL Corporation
|
AT89C51CC01CA-RLTUM AT89C51CC01CA-SLSUM |
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
|
ATMEL Corporation
|
SAF-XC164CM-8F20F |
THE XC164CM series is the new family of the enhanced 16-bit microcontroller XC166 which offers impre
|
Infineon Technologies Corporation
|
PIC16F716 |
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM
|
Microchip Technology
|
MB89193P-SH MB89191AP-SH MB89191APF MB89191AHP MB8 |
8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PDIP28 8-bit Proprietary Microcontroller 8-BIT, 4.2 MHz, MICROCONTROLLER, PQFP48 Patch Panel JT 79C 79#22D SKT RECP 2.0A, 2.7 to 5.5V Single High-Side MOSFET Switch IC, No Fault Reporting, Active-Low Enable 8-SOIC
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|