PART |
Description |
Maker |
LP3965EMP-1.8 LP3965EMP-2.5 |
1.5A Fast Ultra Low Dropout Linear Regulators LP3965 - 1.5A Fast Ultra Low Dropout Linear Regulator, Package: SOT-223, Pin Nb=5
|
NSC
|
AP131-XXWG-7 AP131-XXWL-7 AP131-35WL-7 |
300mA LOW DROPOUT LINEAR REGULATOR WITH 1.5A Fast Ultra Low Dropout Linear Regulators 3.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5
|
Diodes Incorporated Diodes, Inc.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MAX8510 MAX8510EXKXY-T MAX8511EXKXY-T MAX8512EXK-T |
Voltage Regulator - Datasheet Reference " Ultra-Low- Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70" Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70 Ultra-Low-Noise / High PSRR / Low-Dropout /120mA Linear Regulators in SC70
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc
|
MAX8841ELT31T MAX8840ELT30 MAX8840ELT33 MAX8841ELT |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in ??FN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in µDFN
|
MAXIM INTEGRATED PRODUCTS INC
|
NCP5661 NCP5661DT12RKG NCP5661DT33RKG NCP5661DTADJ |
Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable LOW OUTPUT VOLTAGE,ULTRA−FAST 1.0 A LOW DROPOUT LINEAR REGULATOR WITH ENABLE
|
ON Semiconductor
|
EUP7962-18KAIR1 EUP7962-25KAIR1 EUP7962-15KAIR1 |
2A Ultra Low-Dropout Linear Regulator
|
德信科技股份有限公司
|
TJ1118 |
Ultra Low Dropout Linear Regulator
|
HTC Korea TAEJIN Techno...
|
RT918307 RT9183L-12PG RT9183L-12PGF RT9183L-12PM R |
Ultra Low Dropout 1.5A Linear Regulator
|
Richtek Technology Corp... Richtek Technology Corporation
|
EUP7963-25KAIR1 EUP7963-18KAIR1 EUP7963-15KAIR1 EU |
3A Ultra Low-Dropout Linear Regulator
|
Eutech Microelectronics Inc
|
AZ39150S-3.3 AZ39150S-3.3TRE1 AZ39150S-5.0 AZ39150 |
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
|
BCD Semiconductor Manufacturing Limited BCDSEMI
|