PART |
Description |
Maker |
BYP58-800 BYP57 BYP57-100 BYP57-150 BYP57-200 BYP5 |
35 A, 200 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 35 A, 700 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 35 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 35 A, 75 V, SILICON, RECTIFIER DIODE PLASTIC, 2 PIN 35A Silicon Power Rectifier Diode 35 A, 150 V, SILICON, RECTIFIER DIODE 35A Silicon Power Rectifier Diode 35 A, 75 V, SILICON, RECTIFIER DIODE 35A Silicon Power Rectifier Diode 35 A, 500 V, SILICON, RECTIFIER DIODE
|
Diodes, Inc. ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
RGP15M-HE3/54 RGP15D-HE3/54 RGP15A-HE3/54 RGP15J-H |
1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 1.5 A, 200 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 1.5 A, 100 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-204AC ROHS COMPLIANT, PLASTIC, DO-15, 2 PIN
|
Vishay Beyschlag
|
UG2A UG2B UG2C UG2D |
Super Fast Recovery Pack: DO-15 ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE拢潞50 TO 200V CURRENT拢潞 2.0A ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE?0 TO 200V CURRENT 2.0A
|
Gulf Semiconductor
|
SS5P4-M3_86A SS5P4-M3_87A SS5P308 SS5P4HM3_86A SS5 |
5 A, 40 V, SILICON, RECTIFIER DIODE, TO-277A GREEN, PLASTIC, SMPC, 3 PIN 5 A, 30 V, SILICON, RECTIFIER DIODE, TO-277A GREEN, PLASTIC, SMPC, 3 PIN High Current Density Surface Mount Schottky Barrier Rectifiers
|
Vishay Beyschlag Vishay Siliconix
|
MB350507 MB352 MB358 MB3505 MB351 MB358-W MB3505-W |
35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE ROHS COMPLIANT, PLASTIC, MB-35W, 4 PIN SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
|
Electronic Theatre Controls, Inc. Rectron Semiconductor
|
BYS10-25-E3 BYS10-35 BYS10-25-HE3 |
1.5 A, 25 V, SILICON, RECTIFIER DIODE, DO-214AC LEAD FREE, PLASTIC, SMA, 2 PIN 1.5 A, 35 V, SILICON, RECTIFIER DIODE, DO-214AC PLASTIC, SMA, 2 PIN 1.5 A, 25 V, SILICON, RECTIFIER DIODE, DO-214AC PLASTIC, SMA, 2 PIN DIODE 1.5 A, 35 V, SILICON, RECTIFIER DIODE, DO-214AC, PLASTIC, SMA, 2 PIN, Rectifier Diode
|
Vishay Beyschlag Vishay Semiconductors
|
RA506 RA505 RA502 RA507 RA501 RA503 RA504 |
50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts 50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts 50 A, 1000 V, SILICON, RECTIFIER DIODE 50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts 50 A, 800 V, SILICON, RECTIFIER DIODE
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
STTH30L06_06 STTH30L06 STTH30L06D STTH30L06G STTH3 |
30 A, 600 V, SILICON, RECTIFIER DIODE PLASTIC, DOP3I, 2 PIN Turbo 2 ultrafast high voltage rectifier 涡轮2超快高压整流
|
ST Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
|