PART |
Description |
Maker |
MAX3093E MAX3093ECPE MAX3093ECSE MAX3093ECUE MAX30 |
±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Replaced by TMS320C6455 : Multimedia Video Processor 305-CPGA ??5kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers Floating-Point Digital Signal Processor 256-BGA QUAD LINE RECEIVER, PDSO16 15kV ESD-Protected / 10Mbps / 3V/5V / Low-Power Quad RS-422/RS-485 Receivers " ?à15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers" 15kV ESD-Protected 10Mbps 3V/5V Low-Power Quad RS-422/RS-485 Receivers 【15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers ±15kV ESD-Protected, 10Mbps, 3V/5V, Low-Power Quad RS-422/RS-485 Receivers
|
MAXIM - Dallas Semiconductor MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX3185 MAX3185CAP MAX3185CWP MAX3185EAP MAX3185EW |
±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs ±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones(3V, ±15kV ESD保护,自动关断,用于PDA和蜂窝式手机的RS-232收发器(5发))
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL4223EIRZ-T ISL4221 ISL4221E ISL4221EIR ISL4221E |
QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers DUAL LINE TRANSCEIVER, PQCC20 QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kbps, RS-232 Transmitters/Receivers(QFN 封装, /-15kV ESD 防护, 2.7V5.5V, 150毫微 250kbps, RS-232收发 RES, SM 1.3K OHM 1/10W 1%
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADM3075EWYRZ-RL7 ADM3078EYRZ-REEL7 ADM3078EARZ ADM |
3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 16 Mbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Full Duplex, 500 kbps) Full-Duplex, RS-485/RS-422 Transceivers 3.3 V, 15,-15 kV ESD-Protected LINE TRANSCEIVER, PDSO8 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 250 kbps, DE/RE) 3.3 V, Load, ±15kV ESD Protected, RS-485/RS-422 Transceiver (Half Duplex, 500 kbps, DE/RE)
|
ANALOG DEVICES INC
|
MAX3061E MAX3060E MAX3062E MAX3060EEKA-T MAX3062EE |
±.15kV ESD-Protected.Fail-Safe.20Mbps.锛?r锛?lew-Rate-Limited RS-485/RS-422 Transceivers in a SOT 15kV ESD-Protected, Fail-Safe, 20Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT LINE TRANSCEIVER, PDSO8 ±.15kV ESD-Protected.Fail-Safe.20Mbps.<br>Slew-Rate-Limited RS-485/RS-422 Transceivers in a SOT "?5kV ESD Protected, 20Mbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 115kbps, Fail-Safe RS-485/RS- 422 Transceivers" "?5kV ESD Protected, Slew- Rate Limited, 500kbps, Fail-Safe RS-485/RS- 422 Transceivers" ±15kV ESD-Protected, Fail-Safe, 20Mbps,
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
ST3222E ST3222EBD ST3222EBDR ST3222EBPR ST3222EBTR |
15 KV ESD PROTECTED 3 TO 5.5V, LOW POWER, UP TO 250KBPS RS-232 DRIVERS AND RECEIVERS 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 【15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS ±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 DRIVERS AND RECEIVERS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
ICL3245EIAZ ICL3225EIAZ ICL3227ECA ICL3227ECAZA IC |
卤15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(卤15kV ESD ?叉?, 3V??5.5V, 1寰??, 1Mbps, RS-232?跺?????锋?澧?己????ㄥ?????? ±15kV ESD Protected, 3V to 5.5V, 1µA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: 0°C to 70°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 5kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown LINE TRANSCEIVER, PDSO16 ±15kV ESD Protected, 3V to 5.5V, 1µA, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 16-SSOP T&R LINE TRANSCEIVER, PDSO16 ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(±15kV ESD 防护, 3V5.5V, 1微安, 1Mbps, RS-232收发器,具有增强型自动关断功 ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. Intersil Corporation
|
ICL3232EIA-T ICL3221EIA-T ICL3223EIA-T ICL3223ECA- |
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000) 隆戮15kV ESD Protected, 3V to 5.5V, 1楼矛A, 250kbps, RS-232 Transmitters/Receivers 卤15kV ESD Protected, 3V to 5.5V, 1渭A, 250kbps, RS-232 Transmitters/Receivers ±15kV ESD Protected, 3V to 5.5V, 1μA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
MAX3222E10 MAX3222EEUP MAX3222ECUP MAX3222ECPN MAX |
卤15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, QCC20 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO18 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO20
|
http:// Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
|