PART |
Description |
Maker |
LBN7053 |
70MHz SAW Filter 6MHz Bandwi
|
SIPAT Co., Ltd. SIPAT Co,Ltd
|
LBN1201210 |
120MHz SAW Filter 15MHz Bandwidth
|
SIPAT Co,Ltd
|
TB0894A |
SAW Filter 106MHz 15MHz BW (Dip 22×12.5 mm)
|
TAI-SAW TECHNOLOGY CO.,...
|
LBS07099 |
70MHz SAW Filter 3.15MHz Bandwidth
|
SIPAT Co,Ltd
|
LBT201803 |
2017.5MHz SAW Filter 15MHz Bandwidth
|
SIPAT Co,Ltd
|
TY0132A |
SMD 5x7 45.15MHz Crystal Filter
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0763A |
IF SAW Filter 120MHz(BW=15MHz) SMD 13.3X6.5mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA1635A |
SAW Filter 427.5 MHz 15MHz BW SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO.,...
|
LT6604CUFF-15TRPBF |
Dual Very Low Noise, Differential Amplifier and 15MHz Lowpass Filter
|
Linear Technology
|
P1750A-30QLMB P1750A-20PGMB P1750A-30PGMB P1750A-3 |
SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, QFP68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 30 MHz, MICROPROCESSOR, DIP64 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, DIP64 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 20 MHz, MICROPROCESSOR, QFP68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 40 MHz, MICROPROCESSOR, CPGA68 SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR 16-BIT, 40 MHz, MICROPROCESSOR, QFP68
|
Pyramid Semiconductor, Corp.
|
HS-82C85RH |
Clock Generator/Controller, CMOS, DC to 15MHz, 100A, Rad-Hard
|
Intersil
|
|