PART |
Description |
Maker |
S29GL256S |
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
|
Cypress Semiconductor
|
NAND128W3A2BN6 NAND01BGR3A NAND01BGR3A0AN1T NAND01 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMICROELECTRONICS[STMicroelectronics]
|
M48T128Y-70PM1 M48T128Y-80PM1 M48T128V-70PM1 M48T1 |
5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER庐 SRAM 5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER? SRAM
|
STMicroelectronics
|
M29W128GH70N3E M29W128GL |
128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory 128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
|
Numonyx B.V
|
AMD29F010B AM29F010B AMD29F010B-120EC AMD29F010B-1 |
From old datasheet system 1 Mbit (128 K x 8-Bit) 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
M36LLR8760 M36L0R7050 M36L0R7050B0ZAQE M36L0R7050B |
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package 128兆位(多银行,多层次,突发)闪存32兆位00万16)移动存储芯片,1.8V电源多芯片封 CAP 2.2PF 200V 0.5PF C0H DIP-2 BULK S-MIL-C-39014 ER 23C 16 12 8 4 SKT RECP WALL CAP 0.1UF 50V 10% X7R DIP-2 BULK P-MIL-C-39014 128 Mbit (Multiple Bank / Multi-Level / Burst) Flash Memory 32 Mbit (2M x16) PSRAM From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
NP5Q128A13ESFC0E NP5Q128AE3ESFC0E |
128-Mbit, Quad/Dual/Single Serial Interface, 128-Kbyte Sectors Phase Change Memory (PCM) with 66MHz SPI Bus Interface
|
Numonyx B.V
|
M36L0R7050L1ZAMF M36L0R7060U1 M36L0R7060U1ZAME M36 |
128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
|
STMicroelectronics
|
E28F004S3-120 E28F004S3-150 PA28F008S3-150 TB28F00 |
BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4/ 8/ AND 16 MBIT BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4 / 8 / AND 16 MBIT BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 1M X 8 FLASH 2.7V PROM, 150 ns, PDSO44 BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 2.7V PROM, 120 ns, PDSO40 BYTE-WIDE SMART 3 FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT 512K X 8 FLASH 2.7V PROM, 150 ns, PDSO44
|
Intel Corporation Intel Corp. Intel, Corp.
|
HYB25M144180C HYB25R144180C HYB25M128160C |
144-Mbit direct RDRAM(144 Mbit 直接 RDRAM) 144-MBit Direct RDRAM(144 M位直接RDRAM) 144兆位的直接的RDRAM144米位直接的RDRAM 128-Mbit direct RDRAM(128 Mbit ?存? RDRAM)
|
SIEMENS AG
|
M36W0R6050B3 M36W0R6050B3ZAQE M36W0R6050B3ZAQF M36 |
SPECIALTY MEMORY CIRCUIT, PBGA107 64-Mbit (4 Mbits 隆驴16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 隆驴16) or 32-Mbit (2 Mbits x16) PSRAM MCP 512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package 64-Mbit (4 Mbits 】16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 】16) or 32-Mbit (2 Mbits x16) PSRAM MCP
|
Numonyx B.V
|