PART |
Description |
Maker |
IRS2332JTRPBF IRS2330D |
High Voltage High Speed power MOSFET and IGBT Driver. Compatible down to 3.3V Logic. Deadtime 0.7us. High Voltage High Speed power MOSFET and IGBT Driver with Integrated Bootstrap Diode. Compatible down to 3.3V Logic. Deadtime 2.0us.
|
International Rectifier
|
AUIRS2112S |
The AUIRS2112S is a high voltage, high speed power MOSFET and IGBT driver with independent high- and lowside referenced output channels.
|
International Rectifier
|
IXDH30N120D1 IXDT30N120D1 IXDH30N120 IXDT30N120 |
IGBT Discretes: NPT IGBT High Voltage IGBT with optional Diode
|
IXYS[IXYS Corporation]
|
IXDN55N120D1 IXDN55N120 |
IGBT Discretes: NPT IGBT High Voltage IGBT with optional Diode
|
IXYS[IXYS Corporation]
|
IXDA20N120AS |
IGBT Discretes: NPT IGBT High Voltage IGBT
|
IXYS
|
BUP202 Q67078-A4401-A2 BUP202SMD |
IGBT Transistor From old datasheet system IGBT (Low forward voltage drop High switching speed Low tail current Latch-up free) 12 A, 1000 V, N-CHANNEL IGBT, TO-220
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
ADUM4135 |
Single-/Dual-Supply, High Voltage Isolated IGBT Gate Driver with Miller Clamp
|
Analog Devices
|
IXSX35N120AU1 |
High Voltage IGBT with Diode(VCES200V,VCE(sat)4V的高电压绝缘栅双极晶体管(带二极管 70 A, 1200 V, N-CHANNEL IGBT, TO-247
|
IXYS, Corp. IXYS[IXYS Corporation]
|
IXSH15N120B IXST15N120B |
1200V HiPerFAST IGBT HIGH Voltage IGBT
|
IXYS Corporation
|
APT60GT60JRD |
The Thunderbolt IGBT?/a> is a new generation of high voltage power IGBTs. Thunderbolt IGBT & FRED 600V 90A The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. The Thunderbolt IGBT is a new generation of high voltage power IGBTs.
|
Advanced Power Technology
|
L6381 L6380 1636 |
0.23 A BUF OR INV BASED MOSFET DRIVER, PDIP8 From old datasheet system HIGH VOLTAGE HIGH-SIDE DRIVER
|
STMICROELECTRONICS
|
AM29827DM AM29828DM AM29828PCB AM29828ADC AM29828A |
Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1041LPBF with Standard Packaging 600V Non Punch Through, Short Circuit Rated IGBT in a D-Pak package.; Similar to IRGR3B60KD2 with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; Similar to IRGB10B60KD with Lead Free Packaging 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL10B60KD with Lead Free Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D-Pak Package; A IPS1031R with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in an SO-8 Package; A IPS1052GPBF with Standard Packaging 600V Fast 1-8 kHz Copack IGBT in a TO-220AB package; Similar to IRG4BC20MD with Lead Free Packaging 600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package; A IRG4BC20KD-S with Standard Packaging 600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package; A IRG4PC30KD with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS7091GPBF with Standard Packaging Programmable Current Sense High Side Switch in a 5-Lead D2-Pak Package; A IR3314SPBF with Standard Packaging Intelligent Power Switch Single/Dual Channel Low Side Driver in a SOT-223 Package; A IPS1051LPBF with Standard Packaging Intelligent Power Switch 1 Channel Low Side Driver in a D2-Pak Package; A IPS1031S with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a TO-220 Package; A IPS7091PBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a D2-Pak Package; A IPS6031SPBF with Standard Packaging Intelligent Power Switch 1 Channel High Side Driver in a SO-8 Package; A IPS6041GPBF with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; A IRG4PC50UD with Standard Packaging 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; Similar to IRG4PC50UD with Lead Free Packaging Programmable Current Sense High Side Switch in a 5-Lead TO-220 Package; A IR3315PBF with Standard Packaging 10位缓冲器/驱动 10-Bit Buffer/Driver 10位缓冲器/驱动
|
Fairchild Semiconductor, Corp. Advanced Micro Devices, Inc.
|