PART |
Description |
Maker |
DOS10-12T-14 |
POINT OF LOAD DC-DC CONVERTER
|
Power Mate Technology C...
|
VSNS15 VSNS15-12-1R0 VSNS15-12-1R5 VSNS15-12-1R8 V |
Point of Load Converter
|
CUI INC,
|
VPOL5A-5-SMT10 |
point of load converter
|
CUI INC
|
LV5781 |
Bi-CMOS IC 3A, Point-of-load, Chopper-type Step-down Converter
|
http://
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
DOS10-12T DOS10-12T-P DOH10-12T DOH10-12T-P DOH10- |
Non-isolated Point of load DC/DC converters
|
RSG Electronic Components GmbH
|
DOS16-05T DOS16-05T-P |
Non-isolated Point of load DC/DC converters
|
Power Mate Technology Co., LTD
|
DOS06-12T DOS06-12T-P DOH06-12T DOH06-12T-P DOH06- |
Non-isolated Point of load DC/DC converters
|
RSG Electronic Components GmbH
|
DOH06-05T DOH06-05T-P DOH06-05TA DOH06-05TA-P |
Non-isolated Point of load DC/DC converters
|
Power Mate Technology Co., LTD
|
IAF12020A007V-003-R IAF05020A006V-003-R IAFSERIES |
20A Non-isolated SMT Point Of Load
|
TDK Electronics
|