PART |
Description |
Maker |
STB6NC60-1 STB6NC60T4 STP6NC60FP P6NC60 STB6NC60 S |
N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?II MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESHII MOSFET N-CHANNEL 600V 1.0 OHM - 6A - TO-220/TO220FP/I2PAK POWER MESH II MOSFET N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH⑩II MOSFET N-CHANNEL Power MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STP4NC60 STP4NC60FP STB4NC60-1 |
N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V - 1.8 OHM - 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STP11NM60 STP11NM60FP STB11NM60 STB11NM60-1 |
N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh⑩Power MOSFET N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmeshPower MOSFET N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB11NM60FD STB11NM60FD-1 STB11NM60FDT4 STP11NM60F |
11 A, 600 V, 0.45 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 600V - 0.40ohm - 11A TO-220 / TO-220FP/I2PAK FDmeshPower MOSFET with FAST DIODE N沟道600V 0.40ohm - 11A 220 / TO-220FP/I2PAK FDmesh?功率MOSFET,快速二极管 N-CHANNEL 600V - 0.40 OHM - 11A TO-220/TO-220FP/I2PAK/D2PAK FDMESH MOSFET (WITH FAST DIODE)
|
STMicroelectronics N.V. ST Microelectronics
|
STP14NK60Z STP14NK60ZFP STB14NK60 STB14NK60Z STB14 |
N-CHANNEL 600V - 0.45 OHM - 13.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESHPower MOSFET
|
ST Microelectronics STMicroelectronics
|
STB3NC60 STB3NC60T4 STB3NC60-1 |
TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-262AA TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 3A I(D) | TO-263AB N - CHANNEL 600V - 3.3Ohm -3A-D 2 PAK/I 2 PAK PowerMESH II MOSFET N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导
|
STP4NC60FP STB4NC60-1 |
N-CHANNEL 600V - 1.8 OHM - 4.2A TO-220/TO-220FP/I2PAK POWERMESH MOSFET
|
ST Microelectronics
|
STP21NM60N STF21NM60N STB21NM60N STB21NM60N-1 STW2 |
N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STB7NC80Z STB7NC80Z-1 STP7NC80ZFP STP7NC80Z STBB7N |
6.5 A, 800 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL MOSFET New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STB6NB50 STB6NB50-1 |
FUSE/SM .8W, VMAX = 6 VDC, I(TRIP) = 2.2 A 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 5.8AI(四)|62AA N-CHANNEL Power MOSFET N - CHANNEL 500V - 1.35ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET N - CHANNEL 500V - 1.35 Ohm - 5.8A - D2PAK/I2PAK PowerMESH MOSFET
|
STMicroelectronics N.V. ST Microelectronics SGS Thomson Microelectronics
|
STP5NC50 STP5NC50FP STB5NC50 STB5NC50-1 |
N-CHANNEL 500V - 1.3 OHM - 5.5A - TO-220/TO-220FP/D2PAK/I2PAK POWERMESH II MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh?II MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMeshII MOSFET N-CHANNEL 500V - 1.3ohm - 5.5A TO-220/FP/D2PAK/I2PAK PowerMesh⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|