PART |
Description |
Maker |
AUG13C |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
AUG13C-A |
12.7mm (0.5) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
SunLED Corporation
|
PSC05-11SRWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PSC05-11GWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PSC05-11EWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
PSA05-12GWA |
12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
|
Kingbright Corporation
|
LTD-2701P |
The LTD-2701P is a 0.28 inch (7mm) digit height dual digit seven-segment display 7 SEG NUMERIC DISPLAY, BRIGHT RED, 7 mm
|
Lite-On Technology, Corp. 光宝科技股份有限公司 LITEON[Lite-On Technology Corporation]
|
PE7023-30 |
30 dB Fixed Attenuator, 7mm Sexless To 7mm Sexless Passivated Stainless Steel Body Rated To 2 Watts Up To 18 GHz
|
Pasternack Enterprises, Inc.
|
677-501-22-R 677-521-22-Y 677-930-21-B 677-930-23- |
LED 7MM IP67 ROT 1500 MCD 660NM 24V LED 7MM IP67 GELB2500 MCD 590NM 24V LED 7MM IP67 BLAU 1000 MCD 450NM 12V Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer LED 7MM IP67 GRUEN 2000 MCD 525NM 12V LED 7MM IP67 ROT 1500 MCD 660NM 28V LED 7MM IP67 GELB2500 MCD 590NM 28V LED 7MM IP67 GELB 2500 MCD 590NM 12V LED 7MM IP67 GRUEN2000 MCD 525NM 28V LED 7MM IP67 ROT 1500 MCD 660NM 12V Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 发光二极mm的等级IP67 WEISS1000麦当8V
|
Amphenol, Corp.
|
EVALNV1D IC-NV IC-NVTSSOP20 |
6-BIT Sin/D FLASH CONVERTER
|
IC-Haus GmbH
|