PART |
Description |
Maker |
A5030A A5030U A5030Z F1251T P0080SAMC P0300ZA P030 |
solid state crowbar devices 25 V, four-port metallic line protector 65 V, four-port longitudinal two-chip protector 58 V, four-port longitudinal two-chip protector 120 V, four-port metallic line protector 90 V, four-port metallic line protector 75 V, four-port metallic line protector 58 V, ethernet/10 base T/100 Base T protector 65 V, four-port metallic line protector 275 V, two-chip microcapacitance sidactor device 100 V, LCAS asymmetrical multiport device 400 V, multiport balanced sidactor device 100 mA, battrax quad negative SLIC protector 160 mA, battrax quad negative SLIC protector 200 mA, battrax quad negative SLIC protector 400 V, balanced three-chip sidactor device 200 mA, battrax dual negative SLIC protector 58 V, multiport SLIC protector 75 V, multiport SLIC protector 100 mA, battrax dual negative SLIC protector 160 mA, battrax dual negative SLIC protector 65 V, multiport SLIC protector 95 V, multiport SLIC protector 550 V, 50 mA, high surge current sidactor device 25 V, four-port longitudinal two-chip protector 90 V, four-port longitudinal two-chip protector 120 V, four-port longitudinal two-chip protector 190 V, four-port longitudinal two-chip protector 275 V, four-port longitudinal two-chip protector
|
Teccor Electronics
|
TISP61089B TISP61089BDR-S |
High Voltage Ringing SLIC Protector PROTECTOR - PROGRAMMABLE SLIC PROTECT TELECOM, SURGE PROTECTION CIRCUIT, PDSO8
|
Bourns Electronic Solutions Bourns, Inc.
|
TISP6NTP2CD TISP6NTP2CD-S TISP6NTP2CDR-S TISP6NTP2 |
HIGH VOLTAGE RINGING SLIC PROTECTOR
|
BOURNS[Bourns Electronic Solutions]
|
B1101UA4L B1101UC4L B1101U4L B1161UC4L B1201UC4L B |
Dual Port Negative SLIC Protector
|
Littelfuse
|
TISP8200HDMR-S |
SLIC PROTECTOR 100 AMP TELECOM, SURGE PROTECTION CIRCUIT, PDSO8
|
Bourns, Inc.
|
L7554 |
Low-Power SLIC(低功耗用户线接口(SLIC 低功耗用户接口(低功耗用户线接口电路(SLIC))
|
Lineage Power, Corp.
|
HC9P5504B-5X96 |
SLIC: EIA/ITU PABX SLIC With 40mA Loop Feed: Tape And Reel
|
Intersil Corporation
|
L8567 LUCL8567AAU-DT LUCL8567AAU-D LUCL8567AP-DT |
SLIC for Peoples Republic of China Applications SLIC for People Republic of China Applications(用于中国的用户线接口(SLIC TELECOM-SLIC, PQCC32 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:36; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 48C 48#16 SKT RECP
|
Lineage Power Agere Systems
|
TISP4070M3LM TISP4300M3LMFR TISP4165M3LM TISP4165M |
70 V, 32 A, SILICON SURGE PROTECTOR, DO-92 PLASTIC, TO-92, 2 PIN 300 V, 32 A, SILICON SURGE PROTECTOR, DO-92 165 V, 32 A, SILICON SURGE PROTECTOR, DO-92 350 V, 32 A, SILICON SURGE PROTECTOR, DO-92
|
Bourns, Inc. BOURNS INC
|
TISP3290H3SLL TISP3070H3SLL-S |
290 V, 60 A, SILICON SURGE PROTECTOR PROTECTOR - DUAL BIDIRECTIONAL
|
BOURNS INC
|
SI3233-X-GM SI3233-X-FM SI3201-X-FS SI3201-X-GS SI |
PROSLICPROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION TELECOM-SLIC, QCC38 PROSLIC? PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
|
Silicon Laboratories, Inc. Silicon Laboratories Inc.
|
|