PART |
Description |
Maker |
MIC446705 MIC44XXBWM MIC446711 MIC4468 MIC4469BWM |
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes
|
Micrel Semiconductor MICREL INC
|
MIC4120YME MIC4120YML MIC412005 MIC4129 MIC4129YME |
6A-Peak Low-Side MOSFET Driver
|
Micrel Semiconductor
|
MIC442005 MIC4429 MIC4420 MIC4420BM MIC4420BMM MIC |
6A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process IC DRIVER MOSFET 6A HS 8-SOIC 6 A BUF OR INV BASED MOSFET DRIVER, PDSO8 6 A BUF OR INV BASED MOSFET DRIVER, PSFM5
|
MIC GROUP RECTIFIERS Micrel Semiconductor, Inc. MICREL INC
|
MIC4423/4424/4425 |
Dual 3A-Peak Low-Side MOSFET Driver
|
Micrel Semiconductor
|
MIC4422 MIC4421 MIC4422BM MIC4422BN MIC4421BM MIC4 |
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
|
MIC GROUP RECTIFIERS Micrel Semiconductor
|
MIC4120 MIC4120YME MIC4120YML MIC412010 |
6A-Peak Low-Side Mosfet Driver Bipolar/CMOS/DMOS Process
|
Micrel Semiconductor
|
HIP2100IBZT HIP2100IRZ HIP2100EIBZ HIP2100IBT HIP2 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PQCC16 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver 2 A HALF BRDG BASED MOSFET DRIVER, PDSO8 Drives N-Channel MOSFET Half Bridge 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. Intersil Corporation
|
MT2030-HRG MT2030-YG MT2030-RG MT2030-HR |
T-1 Two Leaded Tri-State LED Lamps 的T 1 2引线三州LED灯具 MOSFET Driver IC; MOSFET Driver Type:Dual Drivers, Low Side Inverting & Non-Inverting; Peak Output High Current, Ioh:3A; Rise Time:23ns; Fall Time:25ns; Load Capacitance:1800pF; Package/Case:8-DIP; Number of Drivers:2 IC,Dual MOSFET Driver,BCDMOS,DIP,8PIN,PLASTIC RoHS Compliant: Yes Marktech 2 Leaded 3mm Tri−State LEDs
|
MARKTECH[Marktech Corporate] Marktech Optoelectronics
|
SC1302B SC1302BIMSTR |
1.6 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDSO8 Dual High-speed Low-side MOSFET Driver
|
SEMTECH
|
IR2106STRPBF IR2106STR |
0.35 A HALF BRDG BASED MOSFET DRIVER, PDSO8 HIGH AND LOW SIDE DRIVER
|
International Rectifier
|
AM2968ALC AM2968ALCB AM2968DC AM2968A/BUA AM2968A/ |
Single High Side Driver, Inverting Inputs, Current Sensing, Overcurent Detection and Shutdown Fault Output in a 8-pin DIP package; A IR2128 packaged in a Lead-Free 8-Lead PDIP Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF shipped on Tape and Reel High voltage, high speed power MOSFET and IGBT driver with independent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2607DSPBF with Standard Packaging Linear Current Sensing IC in a 8-Lead DIP package; A IR2175 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 0.5-5us Deadtime in a 14-pin DIP DRAMController
|
|
IDT6168LA85EB IDT6168SA85EB IDT6168LA20LB IDT6168S |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4 SRAM x4的SRAM High and Low Side Driver x4的SRAM
|
Electronic Devices, Inc. Pyramid Semiconductor, Corp.
|