PART |
Description |
Maker |
0603HP-16NXL 0603HP-R20XGLW 0603HP-R20X-L- 0603HP- |
Higher Q and lower DCR than other 0603 inductors, Highest SRF values ?as high as 16 GHz Chip Inductors - 0603HP Series
|
Coilcraft lnc.
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
100QE 58PHL 51PBH 51PBHL 11OPS3M 31OPS3M 11OBH3M 3 |
Optoelectronic Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 4A High Efficiency Switching Regulators Afterburner Chip 8-Digit, Triplexed LCD Decoder Driver Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 光电 High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers 光电 Low-Power, 8-Channel, Serial 12-Bit ADCs 光电
|
ADC Square D by Schneider Electric
|
MAX6035AAUR30 MAX6035AAUR30-T |
2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 8-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial High-Supply-Voltage, Precision Voltage Reference in SOT23
|
MAXIM INTEGRATED PRODUCTS INC
|
EF6805R2PTD EF6805R2PVD EF6805R3PVD |
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier; Temperature Range: -40°C to 85°C; Package: 16-SOIC Precision Quad Comparators; Temperature Range: 0°C to 70°C; Package: 16-SOIC 20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers; Temperature Range: 0°C to 70°C; Package: 8-SOIC 1 Microsecond Precision Sample and Hold Amplifier; Temperature Range: 0°C to 70°C; Package: 16-SOIC 8位微控制
|
KEMET Corporation
|
DG417LAK/883 DG419LAK/883 DG418LAK/883 DG419LDY |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C 精密单片低电压CMOS模拟开 High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-MSOP; Temperature Range: -40 to 125C 精密单片低电压CMOS模拟开
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
ADR525BRTZ-REEL7 ADR530BKSZ-REEL7 ADR520BKSZ-REEL7 |
High Precision Shunt Mode Voltage Reference (2.5 V); Package: SOT-23; No of Pins: 3; Temperature Range: Automotive 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 High Precision Shunt Mode Voltage Reference (3.0 V); Package: SC70; No of Pins: 3; Temperature Range: Automotive 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 High Precision Shunt Mode Voltage Reference (2.048 V); Package: SC70; No of Pins: 3; Temperature Range: Automotive
|
Analog Devices, Inc. ANALOG DEVICES INC
|
FCP600-48 |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C; Container: Tape and Reel
|
Power-One
|
PMR209MB5470M100 PMR209MC6220M047 |
High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C *电容类X2 0.047UF 100R High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C 钢筋混凝土GLIED 0.22UF 47欧姆
|
Electronic Theatre Controls, Inc.
|
LTC3642IDD-5PBF LTC3642EDD-3.3TRPBF LTC3642IDD-3.3 |
High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C 0.05 A SWITCHING REGULATOR, PDSO8 High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-DFN; Temperature Range: -40 to 125C; Container: Tape and Reel 0.05 A SWITCHING REGULATOR, PDSO8 High Efficiency, High Voltage 50mA Synchronous Step-Down Converter; Package: 8-MSOP; Temperature Range: -40 to 125C; Container: Tape and Reel 0.05 A SWITCHING REGULATOR, PDSO8
|
Linear Technology, Corp.
|
A8510 |
Wide Input Voltage Range, High Efficiency
|
Allegro MicroSystems
|
ADC08161CMJ |
High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: MSOP; No of Pins: 8; Temperature Range: -40° to 125°C
|
电流感应放大
|