PART |
Description |
Maker |
2729-170 |
170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100?, 10% 170 Watts, 38 Volts, 100us, 10% 170 Watts, 38 Volts, 100刁, 10%
|
ADPOW[Advanced Power Technology]
|
BUT33 |
RP20 (F) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 20 Watts POWERLINE: RP20-S_DEW - 4:1 Wide Input Voltage Range- 20 Watts Output Power- 1.6kVDC Isolation- Fixed Operating Frequency- Six-Sided Continuous Shield- Ul 1950 Component Recognised- Standard 50.8 x40.6x10.2mm Package- Efficiency to 84% 56 AMPERES NPN SILICON POWER DARLINGTON TRANSISTOR 600 VOLTS 250 WATTS
|
Motorola Inc Motorola, Inc. ONSEMI[ON Semiconductor]
|
BU323Z_D ON0234 BU323Z |
AUTOPROTECTED DARLINGTON 10 AMPERES 360-450 VOLTS CLAMP 150 WATTS From old datasheet system 360-50 VOLTS CLAMP 150 WATTS
|
ONSEMI[ON Semiconductor]
|
PTF10020 |
2 CHANNEL, UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET 125 Watts/ 860-960 MHz GOLDMOS Field Effect Transistor 125 Watts, 86060 MHz GOLDMOS Field Effect Transistor
|
ERICSSON POWER MODULES AB Ericsson Microelectronics
|
PTB20105 |
20 Watts, 92560 MHz Cellular Radio RF Power Transistor 20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
PTF10149 |
70 Watts, 92160 MHz GOLDMOS Field Effect Transistor 70 Watts, 921-960 MHz GOLDMOS Field Effect Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
PTF102027 |
40 Watts, 92560 MHz GOLDMOS Field Effect Transistor 40 WATTS, 925-960 MHZ GOLDMOS FIELD EFFECT TRANSISTOR
|
Ericsson Microelectronics
|
I100N50X4 |
Flange Mount Termination 100 Watts, 50楼? Flange Mount Termination 100 Watts, 50Ω
|
Anaren Microwave
|
G150N50W4A |
Flange Mount Termination 150 Watts, 50楼? Flange Mount Termination 150 Watts, 50Ω
|
Anaren Microwave
|
PTB20007 |
30 Watts, 93560 MHz Cellular Radio RF Power Transistor 30 Watts, 935-960 MHz Cellular Radio RF Power Transistor 30 Watts 935-960 MHz Cellular Radio RF Power Transistor
|
Ericsson Microelectronics ERICSSON[Ericsson]
|
PTF10015 |
50 Watts/ 300-960 MHz GOLDMOS Field Effect Transistor 50 Watts, 300-960 MHz GOLDMOS Field Effect Transistor 50 Watts, 30060 MHz GOLDMOS Field Effect Transistor
|
ERICSSON[Ericsson] Ericsson Microelectronics
|