PART |
Description |
Maker |
74HC640 74HCT640 74HCT640PW 74HC640D 74HC640DB 74H |
Octal bus transceiver; 3-state; inverting HCT SERIES, 8-BIT TRANSCEIVER, INVERTED OUTPUT, PDSO20 Octal bus transceiver 3-state inverting 74HC/HCT640; Octal bus transceiver; 3-state; inverting
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
TC74HC541A TC74HC541AF TC74HC541AFW TC74HC541AP |
OCTAL BUS BUFFER NON-INVERTING, 3-STATE OUTPUTS (TC74HC540A / TC74HC541A) OCTAL BUS BUFFER INVERTING/NON-INVERTING 3-STATE OUTPUTS
|
Toshiba Semiconductor
|
74LVT240 74LVT240D 74LVT240DB 74LVT240PW 74LVT240P |
ABT octal inverting buffer (3-State) - Description: 3.3V Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -32/ 64 mA ; Propagation delay: 2.5@3.3V ns; Voltage: 2.7-3.6 V From old datasheet system ABT octal inverting buffer 3-State Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74ABT651 74ABT651D 74ABT651DB 74ABT651N 74ABT651PW |
Octal transceiver/register, inverting 3-State Octal transceiver/register/ inverting 3-State Single 8-Bit Inverting Bus Transceiver
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
74ABT620PWDH 74ABT620D 74ABT620DB 74ABT620N 74ABT6 |
Octal transceiver with dual enable, inverting (3-State) From old datasheet system Octal transceiver with dual enable, inverting 3-State Hex D-Type Flip-Flop With Clear 16-SOIC 0 to 70 Octal transceiver with dual enable/ inverting 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
IN74LV620 IN74LV620D IN74LV620N |
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
|
IK Semicon Co., Ltd
|
IN74ACT620N IN74ACT620 IN74ACT620DW |
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
|
INTEGRAL[Integral Corp.]
|
ASM3P2779AG-08TT ASM3I2779A-06OR ASM3I2779A-08SR A |
Low Power Peak EMI Reducing Solution Octal Bus Transceiver With 3-State Outputs 20-SSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-VQFN -40 to 85 COMMERCIAL THER Octal Bus Transceivers With 3-State Outputs 20-BGA MICROSTAR JUNIOR -40 to 85
|
ALSC[Alliance Semiconductor Corporation]
|
MC74VHC240DTR2G MC74VHC240DWR2G MC74VHC24011 |
Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
|
ON Semiconductor
|