PART |
Description |
Maker |
FS24D20-06 FS24D10-06 |
Output to 20A 280 Vac DC Control
|
Teledyne Technologies Incorporated
|
C3P24D25 C3P24D25C |
Three-Phase Output 25A 280 Vac DC control
|
Teledyne Technologies Incorporated
|
TPIBU61-102 TPIBU61-103 TPIBU-61 |
Wide Operating Voltage 81 to 280 VAC, 47 to 400 Hz or 90 to 420VDC
|
Total Power Internation...
|
CSD2475 CSD2410 CY7C1372BV25 CSD2425 CSE2490 CSD24 |
512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture 10-90Amp 120/240 Vac AC OUTPUT 10-90Amp 120/240 Vac AC OUTPUT
|
List of Unclassifed Manufacturers ETC[ETC] CYPRESS N.A.
|
LTM4601A LTM4601A-1 LTM4601AEV-1-PBF LTM4601AEV-PB |
12A DC/DC レModules with PLL, Output Tracking and Margining 12A DC/DC 楼矛Modules with PLL, Output Tracking and Margining
|
Linear Technology
|
NBXSBA020LNHTAG NBXSBB020LN1TAG NBXSBA020LN1TAG |
3.3 V, 280 MHz LVPECL Clock Oscillator 3.3 V, 280 MHz PureEdge™ LVPECL Clock Oscillator Module 280 MHz, OTHER CLOCK GENERATOR, CDSO6
|
ON Semiconductor
|
MP173 |
700 V Non-Isolated Off-Line Regulator Up to 280 mA Output Current
|
Monolithic Power System...
|
31.1623 31.1623-ND 0031.1632 0031.1633 0031.1621 0 |
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot Knob/Fingergrip, IEC: 500 VAC, UL/CSA: 600 VAC/DC
|
Schurter Inc.
|
PSB7110-FV1.0 |
ISAR (Enhanced ISDN Data Access Contr...
|
Infineon
|
NLP65-9908J NLP65-9912J NLP65-9915J NLP65-9920J |
85 VAC to 264 VAC universal input range
|
Emerson Network Power
|
CWS-4001A |
12A mps Output Choke
|
http:// ETC[ETC]
|