PART |
Description |
Maker |
FPF2193 FPF219412 FPF2195 |
Full-Function Load Switch with Adjustable Current Limit
|
Fairchild Semiconductor
|
FPF216308 |
Full Function Load Switch with Adjustable Current Limit
|
Fairchild Semiconductor
|
FPF2193 |
Full Function Load Switch with Adjustable Current Limit; Package: 1.0x1.5 WL-CSP; No of Pins: 6; Container: Tape & Reel 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBGA6
|
Fairchild Semiconductor, Corp.
|
MP5092GD-P |
Dual 5.5V, 7.5A Programmable Current Low RDSON Load Switch with Output Discharge Function
|
MPS Industries, Inc.
|
CY7C64013A CY7C64113A CY7C64113-PVC |
Full-Speed USB (12 Mbps) Function 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDSO48 Full-Speed USB (12-Mbps) Function
|
Cypress Semiconductor, Corp.
|
WD101 WD105 WD200 WD102 WD506 WD100 WD103 WD104 WD |
DC/DC Converters DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load).
|
List of Unclassifed Man... International Power Sources ETC[ETC] List of Unclassifed Manufacturers
|
NCP45540 |
NCP45540 Datasheet - ecoSWITCH™ Advanced Load Management: 18 A Controlled Load Switch with Low R<sub>ON</sub>
|
ON Semiconductor
|
M66261FP M66261 |
6 5 CROSSPOINT SWITCH with MIXING 6 ?5 CR SS OINT SWITCH with MIXING FUNCTION From old datasheet system 6 x 5 CROSSPOINT SWITCH with MIXING FUNCTION
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
AQV254RAX AQV254RAZ |
PhotoMOS relay, HE (high-function economy) type [1-channel (form A) type] - with LED display. Output rating: load voltage 400 V, load current 150 mA. Surface-mount terminal, tape and reel packing style, picked from the 1/2/3/-pin side. PhotoMOS relay, HE (high-function economy) type [1-channel (form A) type] - with LED display. Output rating: load voltage 400 V, load current 150 mA. Surface-mount terminal, tape and reel packing style, picked from the 4/5/6/-pin side. PhotoMOS relay, HE (high-function economy) type [1-channel (form A) type] - with LED display. Output rating: load voltage 400 V, load current 150 mA. Surface-mount terminal. Tube packing style.
|
Matsushita Electric Works(Nais)
|
PI2127 |
12 Amp Full-Function Active ORing Solution
|
Picor
|
|