PART |
Description |
Maker |
FYS-5616AX-00 FYS-5616AX-01 FYS-5616AX-02 FYS-5616 |
0.56 Inch (14.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYS-5615BX-00 FYS-5615AX-02 FYS-5615AX-00 |
0.56 Inch (14.20mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
FYT-5231CX-04 FYT-5231CX-21 FYT-5231CX-01 FYT-5231 |
0.52 Inch (13.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
FYT-4031HX-00 FYT-4031GX-00 FYT-4031GX-21 |
0.40 Inch (10.20mm) digit height Three Digits Display 0.40 Inch (10.20mm) digit height Three Digits Display
|
Ningbo Foryard Optoelec...
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
FYE-1200BZX-00 FYE-1200BZX-01 |
12.00 Inch (304.80mm) digit height Single Digit Display
|
Ningbo Foryard Optoelec...
|
LTP-3784E |
0.54 inch (13.8 mm) digit height dual digit 14-segment alphanumeric display
|
LITEON[Lite-On Technology Corporation]
|
LTS-4301E |
0.4 inch (10.0mm) digit height single digit, seven-segment display
|
光宝科技股份有限公司 Lite-On Technology Corporation
|
LTC-4627JRDP LTC-4627JR2 LTC-4627JR4 LTC-4627JRG L |
The LTC-4627JR is a 0.4 inch 10.0mm digit height quadruple digit seven-segment display
|
Lite-On Technology Corporation
|