PART |
Description |
Maker |
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
AD5544EVAL AD554404 |
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
|
Analog Devices
|
ICM7377BQ ICM7357B ICM7357BQ ICM7357BQG ICM7337B I |
Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
|
IC MICROSYSTEMS
|
MAX5250 MAX5250ACAP MAX5250ACPP MAX5250AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 10 us SETTLING TIME, 10-BIT DAC, PDIP20 Low-Power / Quad / 10-Bit Voltage-Output DAC with Serial Interface Low-Power, Quad, 10-Bit Voltage-Output DAC with Serial Interface Low-Power Quad 10-Bit Voltage-Output DAC with Serial Interface From old datasheet system
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
74AC157MTC 74AC157PC 74AC157SC 74AC157SJ 74ACT157 |
Quad 2-Input Multiplexer ACT SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 16-Bit, Serial, 100 kSPS Sampling ADC.; Package: S/B OR B/B CERAMIC DIP; No of Pins: 16; Temperature Range: Commercial ACT SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
DAC8420QBC |
Quad 12-Bit Serial Voltage Output DAC
|
Analog Devices, Inc.
|
AM79C989 AM79C989JC AM79C989JCT |
Quad Ethernet Switching Transceiver (QuEST? Motor Driver IC; Supply Voltage Max:13.2V; Output Current Max:0.5A; Package/Case:8-SOIC; Driver Type:Motor; Leaded Process Compatible:No; Output Current:1.5A; Peak Reflow Compatible (260 C):No; Supply Voltage Min:3.8V 四路以太网交换器(QuEST的⑩ Quad Ethernet Switching Transceiver (QuEST)
|
Advanced Micro Devices, Inc.
|
MAX5842 MAX5842LEUB MAX5842MEUB |
Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC Quad / 12-Bit / Low-Power / 2-Wire / Serial Voltage-Output DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5742 MAX5742AUB MAX5742EUB |
12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 12-Bit / Low-Power / Quad / Voltage-Output DAC with Serial Interface
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products]
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|