PART |
Description |
Maker |
OM5236ST OM5241ST OM5240ST OM5238ST OM5237ST OM523 |
400V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 400V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a TO-257AA package 150V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package 100V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SINGLE ISOLATED RECTIFIER IN HERMETIC 200V 10A Hi-Rel Ultra-Fast Discrete Diode in a D2 package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC]
|
30CTH02 30CTH02-1 30CTH02FP 30CTH02S |
200V 20A HyperFast Discrete Diode in a TO-220AB package 300V 20A HyperFast Discrete Diode in a TO-262 package 300V 20A HyperFast Discrete Diode in a TO-220 FullPak package 200V 30A HyperFast Discrete Diode in a D2-Pak package
|
International Rectifier
|
2SJ220 2SJ220L 2SJ220S |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0519-0 01; No. of Positions: 8; Connector Type: Board SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
|
Hitachi,Ltd. Hitachi Semiconductor
|
MBRD320 MBRD330 MBRD340 MBRD320TR MBRD340PBF |
Schottky (Diodes & Rectifiers) 3.0 Amp 40 Volt SCHOTTKY RECTIFIER 30V 3A Schottky Discrete Diode in a D-Pak package 40V 3A Schottky Discrete Diode in a D-Pak package 20V 3A Schottky Discrete Diode in a D-Pak package
|
Vishay Semiconductors IRF[International Rectifier]
|
MJE5850 MJE5850-D MJE5851 |
Power 8A 300V Discrete PNP SWITCHMODE Series PNP Silicon Power Transistors Power 8A 350V Discrete PNP
|
ON Semiconductor
|
15ETL06S 15ETL06 15ETL06-1 15ETL06FP |
Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC 600V 15A Hyperfast Discrete Diode in a D2Pak package 600V 15A Hyperfast Discrete Diode in a TO-220 FullPak package 600V 15A Hyperfast Discrete Diode in a TO-262 package 600V 15A Hyperfast Discrete Diode in a TO-220AC package Ultra-low VF Hyperfast Rectifier for Discontinuous Mode PFC 超低VF Hyperfast整流器不连续模式PFC
|
IRF[International Rectifier] International Rectifier, Corp.
|
OM5007ST OM5005ST OM5006ST OM5002ST OM5001ST OM500 |
15 Amp, 50 To 600 Volts, 35 To 50 ns trr 100V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE 600V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 150V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package
|
IRF[International Rectifier]
|
8TQ080S 8TQ100S 8TQ 8TQ10 8TQ100STRR 8TQ080STRR |
16 A SPDT MINIATURE POWER RELAY SCHOTTKY RECTIFIER 100V 8A Schottky Discrete Diode in a D2-Pak package 80V 8A Schottky Discrete Diode in a D2-Pak package
|
IRF[International Rectifier]
|
MJD2955-001 MJD3055T4 |
Power 10A 60V Discrete PNP Power 10A 60V Discrete NPN
|
ON Semiconductor
|
11DQ06 11DQ06TR 11DQ05TR 11DQ05 |
SCHOTTKY RECTIFIER 肖特基整流器 50V 1.1A Schottky Discrete Diode in a DO-204AL package 60V 1.1A Schottky Discrete Diode in a DO-204AL package
|
International Rectifier, Corp. IRF[International Rectifier]
|