PART |
Description |
Maker |
BF2040R BF2040W BF2040 |
RF-MOSFET - integrated semi biasing network, VDS=5V, gfs=41mS, Gp=23dB, F=1.5dB Silicon N-Channel MOSFET Tetrode
|
INFINEON[Infineon Technologies AG]
|
IRFY1310M-T257 |
N-Channel Power MOSFET For HI-REL Application(Vds:100V,Id(max):14A,Rds(on):0.055Ω)(N沟道功率MOS场效应管,HI-REL应用(Vds:100V,Id(max):14A,Rds(on):0.055Ω)) N-CHANNEL POWER MOSFET FOR HI-REL APPLICATIONS
|
Semelab(Magnatec) TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
IRFU4105Z IRFR4105Z |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A) 功率MOSFET(讥\u003d 55V的,的Rds(on)\u003d 24.5mohm,身份证\u003d 30A条) Power MOSFET(Vds=55V / Rds(on)=24.5mohm / Id=30A) 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
KI4511DY |
TrenchFET Power MOSFET Drain-Source Voltage Vds 20V
|
TY Semiconductor Co., Ltd
|
SKDH116_12-L100 SKDH116_16-L100 SKDH116 SKDH116/12 |
MOSFET; ID (A): 0.02; VDS (V): 6; Pch : 0.1; |yfs| (S) typ: 0.024; PG (dB) typ: 24; Ciss (pF) typ: 1.75; NF (dB) typ: 1.5; IDSS (mA): -; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|
APM2701CG |
N-Channel:VDS=20V ID=3A P-Channel:VDS=-20V ID=-1.5A
|
TY Semiconductor Co., Ltd
|
ZVP3310FTA |
100 Volt VDS
|
TY Semiconductor Co., L...
|
KHP45N03LT |
Low on-state resistance Fast switching. Drain-Source Voltage VDS 30 V
|
TY Semiconductor Co., Ltd
|
IRSF3031 |
FULLY PROTECTED DMOS POWER SWITCH(Vds=50V, Rds(on)=200mohm)
|
IRF[International Rectifier]
|