PART |
Description |
Maker |
LTC1263 LTC1263CS8 1263F |
12V/ 60mA Flash Memory Programming Supply 12V, 60mA Flash Memory Programming Supply From old datasheet system
|
Linear Technology
|
RX100 |
Flash memory programming software
|
Renesas Electronics Corporation
|
AN490 |
ST10 - PROGRAMMING FLASH MEMORY OF THE ST10F166
|
SGS Thomson Microelectronics
|
ST662AB08 ST662ACD-TR ST662ABD-TR ST662ABD-TRY |
DC-DC converter from 5 V to 12 V, 0.03 A for Flash memory programming supply
|
STMicroelectronics http://
|
ST662ABD-TR ST662ACD-TR |
DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY
|
ST Microelectronics
|
ST662ACD-TR ST662ABD-TR |
DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
|
STMicroelectronics
|
ATMEGA162 ATMEGA162L ATMEGA162V |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 MHz. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 1 MIPS throughput at 1 MHz.
|
Atmel
|
ATMEGA8535 ATMEGA8535L |
8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 16 MIPS throughput at 16 MHz. 8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation
|
Atmel
|
MAX662A |
12V, 30mA Flash Memory Programming Supply(12V,30mA快擦写存储器编程电源,电荷泵电压转换器) 12V30mA闪存存储器编程电
|
Maxim Integrated Products, Inc.
|
ATMEGA32 ATMEGA32L |
32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation.
|
Atmel
|
ATMEGA64 ATMEGA64L |
64-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 2-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 64-Kbyte self-programming Flash Program Memory, 4-Kbyte SRAM, 2-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation.
|
Atmel
|
ST662 ST662A ST662AB ST662ABD ST662ABN ST662AC ST6 |
From old datasheet system DC-DC CONVERTER FROM 5V TO 12V, 0.03A FOR FLASH MEMORY PROGRAMMING SUPPLY MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:40V; Continuous Drain Current, Id:14A; On-Resistance, Rds(on):9mohm; Rds(on) Test
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|