PART |
Description |
Maker |
MIC23031-4YMT MIC23031-CYMT MIC23031-FYMT MIC23031 |
4MHz PWM 400mA Buck Regulator with Hyper Light Load⑩
|
Micrel Semiconductor
|
MIC23153 MIC23153-GYMT MIC23153YMT |
4MHz PWM 2A Buck Regulator with HyperLight Load and Power Good
|
Micrel Semiconductor
|
MIC33153-4YHJ MIC33153YHJ |
4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
|
Micrel Semiconductor
|
LTC3670 LTC3670EDDB-PBF LTC3670EDDB-TRPBF LTC3670E |
Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm × 2mm DFN Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 】 2mm DFN Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm × 2mm DFN; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 1.1 A SWITCHING REGULATOR, 2590 kHz SWITCHING FREQ-MAX, PDSO12
|
Linear Technology, Corp.
|
TC120 TC120303EHA TC120333EHA TC120503EHA TC120503 |
TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more cells, or in line-powered applications. It uses PWM as the primary modulation scheme, but automatically conver TC120 is a 300 KHz PFM/PWM step-down (Buck) DC/DC regulator/controller combination for use in systems operating from two or more ... PWM/PFM Step-Down Combination Regulator/Controller PWM / PFM切换降压组合稳压控制
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
MIC2240010 |
4A Integrated Switch Synchronous Buck Regulator with Frequency Programmable up to 4MHz
|
Micrel Semiconductor
|
MIC2202YML MIC2202 MIC2202BML MIC2202BMM MIC2202YM |
High Efficiency 2MHz Synchronous Buck Converter 1µF Stable PWM Regulator HIGH EFFICIENCY 2MHZ SYNCHRONOUS BUCK CONVERTER 1UP STABLE PWM REGULATOR 2.5 A SWITCHING REGULATOR, 2200 kHz SWITCHING FREQ-MAX, PDSO10
|
Micrel Semiconductor, Inc.
|
HIP631104 HIP6311CBZA HIP6301EVAL1 HIP6311 HIP6311 |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20 Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MIC33163 MIC33164 |
Buck Regulator with Integrated Inductor 4MHz 1A Buck Regulator Buck Regulator with Integrated Inductor
|
Micrel Semiconductor
|
MIC33264YGK MIC33263 MIC33263YGK |
Buck Regulator with Integrated Inductor 4MHz 2A Buck Regulator Buck Regulator with Integrated Inductor
|
Micrel Semiconductor
|
HIP6302CB HIP6302 HIP6302CB-T HIP6302EVAL1 FN4766 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller(寰??????稿?澶?????璋??瑙h??? Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 微处理器核心电压调节器的多相降压PWM控制 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|