PART |
Description |
Maker |
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
EDD10321BBH-5BTS-F EDD10321BBH-6ETS-F EDD10321BBH- |
1G bits DDR Mobile RAM WTR (Wide Temperature Range) 1G bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
Elpida Memory
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
EDD51321DBH-5BTS-F EDD51321DBH-6ETS-F EDD51321DBH- |
512M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range) 512M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
Elpida Memory
|
HM62V8100LBPI-5SL HM62V8100LTTI-5SL HM62V8100I |
Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit) 宽温版本八米的SRAM1024 - KWord的?8位) Wide Temperature Range Version 8 M SRAM (1024-kword ′ 8-bit)
|
Renesas Electronics, Corp. Renesas Electronics Corporation.
|
R1LV0416C-I R1LV0416CSB-5SI R1LV0416CSB-7LI |
Memory>Low Power SRAM Wide Temperature Range Version 4M SRAM (256-kword 】 16-bit) Wide Temperature Range Version 4M SRAM (256-kword × 16-bit)
|
Renesas Electronics Corporation
|
LGA80D LGA80D-00DADJJ |
Wide operating temperature range
|
Artesyn Technologies
|
BCC BCC400PS03 BCC200PS12 BCC400PS07 BCC400PS12 BC |
Wide Operating Temperature Range
|
XP Power Limited
|
VFHV1104LS VFGY1104LS |
Wide range temperature applicable product
|
STANLEY ELECTRIC CO.,LT...
|
KP1J010MS KP1J100MS KP1J101MS KP1J220MS KP1J101LR |
CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE 片式,不符合宽温偏光
|
DB Lectro Inc. DB Lectro, Inc.
|
EDS2532EGBH-6DTT-F EDS2532EGBH-TT EDS2532EGBH-7BTT |
256M bits SDRAM WTR (Wide Temperature Range)
|
Elpida Memory
|
EDS2516APTA-TI-E EDS2516APTA-75TI-E |
256M bits SDRAM WTR (Wide Temperature Range)
|
Elpida Memory, Inc.
|