PART |
Description |
Maker |
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
EDD51161DBH-5BTS-F EDD51161DBH-6ETS-F EDD51161DBH- |
512M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range) 512M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range)
|
http:// Elpida Memory
|
EDD51163DBH-5BLS-F EDD51163DBH-6ELS-F EDD51163DBH- |
32M X 16 DDR DRAM, 5 ns, PBGA60 512M bits DDR Mobile RAM?/a> WTR (Wide Temperature Range), Low Power Function 512M bits DDR Mobile RAM垄芒 WTR (Wide Temperature Range), Low Power Function
|
ELPIDA MEMORY INC
|
VCEG1104LS-TR |
Wide range temperature applicable product
|
STANLEY ELECTRIC CO.,LT...
|
VFHV1104LS VFGY1104LS |
Wide range temperature applicable product
|
STANLEY ELECTRIC CO.,LT...
|
R1LV1616H-I R1LV1616HSA-4LI R1LV1616HSA-5SI |
Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit / 2-Mword 8-bit) 宽温版本16米的SRAM - Mword6 2 - Mword位) Wide Temperature Range Version 16 M SRAM (1-Mword 16-bit / 2-Mword 8-bit) 宽温版本16米的SRAM1 - Mword16 2 - Mword位)
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
KP1H330KC KP1H330KR KP1H330KS KP1H330KT KP1H330LC |
CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
|
DB Lectro Inc
|
OCO-M36CEH12 OCO-M36CEH5 OCO-M36CEH |
Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 掳C Through hole OCXO HCMOS Wide operating temperature range: -40 up to 85 °C
|
QUARTZCOM the communications company
|
EDS6416AHTA-TI EDS6416AHTA-75TI-E |
64M BITS SDRAM WTR (WIDE TEMPERATURE RANGE)
|
Elpida Memory
|
D3501N |
Full blocking capability 50/60Hz over a wide temperature range
|
Infineon Technologies A...
|