PART |
Description |
Maker |
M59DR032A M59DR032A100N1T M59DR032A100N6T M59DR032 |
32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M45PE80-VMW6G M45PE80-VMW6P M45PE80-VMW6TG M45PE80 |
8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
|
STMICROELECTRONICS[STMicroelectronics]
|
M45PE80-VMP6P |
8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
ST Microelectronics
|
M25PE2007 M25PE20-VMN6G M25PE20-VMN6P M25PE20-VMN6 |
1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
|
STMicroelectronics
|
NAND01G-A NAND01GW3A NAND01GW3A0AN6 |
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics
|
M27W101 M27W101-100B6TR M27W101-100F6TR M27W101-10 |
1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1兆位28KB x8低压紫外线EPROM和检察官办公室存储器 1 Mbit 128Kb x8 Low Voltage UV EPROM and OTP EPROM 1兆位128KB x8低压紫外线EPROM和检察官办公室存储器 Hex Drivers 14-SOIC 0 to 70 1兆位28KB x8低压紫外线EPROM和检察官办公室存储器 64 Mbit 4Mb x16 3V Supply FlexibleROM Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IS41C16105 IS41C16105-50K IS41C16105-50KE IS41C161 |
1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE 1M X 16 FAST PAGE DRAM, 50 ns, PDSO42 1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE 1M X 16 FAST PAGE DRAM, 50 ns, PDSO44
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Circuit Solution Inc Integrated Silicon Solution Inc Integrated Silicon Solution, Inc.
|
NAND01G-A NAND128-A NAND256-A NAND01GR3A0AN1 NAND0 |
128 Mbit / 256 Mbit / 512 Mbit / 1 Gbit (x8/x16) 528 Byte/264 Word Page / 1.8V/3V / NAND Flash Memories 128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
|
STMicroelectronics ST Microelectronics
|
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
M27W400 M27W400-100B6TR M27W400-100F6TR M27W400-10 |
4 Mbit (512Kb x8 or 256Kb x16), Low Voltage UV EPROM and OTP EPROM 512K X 8 UVPROM, 100 ns, CDIP40 4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16低压紫外线可擦写可编程只读存储器和OTP存储 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
UPD42S16100LLA-A80 UPD42S16100LG3-A80-7JD UPD42S17 |
18-Mbit (512K x 36/1M x 18) Pipelined SRAM 18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture 18-Mbit (512K x 36/1M x 18) Flow-Through SRAM 9-Mbit (256K x 32) Pipelined DCD Sync SRAM 9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM 18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM x1 Fast Page Mode DRAM x1快速页面模式的DRAM
|
TOKO, Inc. EPCOS AG
|