PART |
Description |
Maker |
ENA0970B |
CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA1188 |
CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC871H96A LC871HC8A |
CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
|
Sanyo Semicon Device
|
LC87F1A32A |
CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
|
Sanyo Semicon Device
|
LC87F1964A |
CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
|
Sanyo Semicon Device
|
LC87F7LC8A |
CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
LC87F7DC8A |
CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
AT90SC19264RC |
AT90SC19264RC Summary [Updated 8/02. 2 Pages] This document gives the key features. a brief description and a block diagram. The Complete is available under Non-Disclosure Agreement. AT90SC19264RC摘要[更新8日2页]本文件提供的主要特点。简短说明和框图。完整的可根据保密协议 SECURE MICROCONTROLLER FOR SMART CARDS Low-power, high-performance, 8-/16-bit secure microcontroller with 192K Byte ROM and 64K Byte EEPROM.
|
Cypress Semiconductor Corp. ATMEL[ATMEL Corporation]
|
IDT7164 IDT7164L IDT7164L15D IDT7164L15DB IDT7164L |
Dual UART with 16-Byte Fifos, Selectable IR & 1284 Modes 80-QFP CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 30 ns, PDIP28 8347 PBGA NO-PB W/O ENCR 8K X 8 STANDARD SRAM, 30 ns, PDIP28 CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 55 ns, CDIP28 Replaced by TL16C754B : Quad UART with 64-Byte Fifos, Auto Flow Control, Low-Power Modes 68-PLCC -40 to 85 8K X 8 STANDARD SRAM, 25 ns, PDIP28 Dual UART With 64-Byte FIFO 32-QFN 0 to 70
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|