PART |
Description |
Maker |
ISL4238EIRZ ISL4245EIRZ-T ISL4238E ISL4238EIR ISL4 |
QFN Packaged, 卤15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(QFN灏??, 卤15kV ESD ?叉?, 2.7V??5.5V, 10Nanoamp, 250kbps/1Mbps, ?锋????????????S-232?跺??? 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PQCC32 QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown(QFN封装, ±15kV ESD 防护, 2.7V5.5V, 10Nanoamp, 250kbps/1Mbps, 具有自动断电功能的RS-232收发 QFN Packaged, 5kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown QFN Packaged, 【15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps/ 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL3232EIRZ |
QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ICL3217ECA ICL3207ECA ICL3207ECA-T ICL3207ECAZ ICL |
/- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /-15KV ESD 保护,工作电~5.5V,低功耗,250KBPS,RS232收发 /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers( /- 15kV ESD防护, 3V5.5V, 低功 250kbps, RS-232收发 RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown
|
Intersil Corporation
|
ISL4221E ISL4221EIR ISL4221EIRZ ISL4223E ISL4223EI |
QFN Packaged, 隆戮15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
|
Intersil Corporation
|
ZM1.6PKZ2 ZM168PKZ2 ZM10PKZ2 ZM2.4PKZ2 |
DIST PROT BLOCK 10 16A MOTOR PROT BLOCK 6-10A MOTOR PROT BLOCK 1.6-2.4A MOTOR PROT BLOCK 1-1.6A 电机普罗特块1 - 1.6A
|
Ricoh Co., Ltd.
|
MAX3311E MAX3311ECUB MAX3311EEUB MAX3311E-MAX3313E |
Quad LVDS Receiver with -4 to 5V Common-mode Range 16-SOIC -40 to 85 ±15kV ESD保护60kbpsµA、RS-232兼容收发器,µMAX封装 ±.15kV ESD-Protected.460kbps.1µ.A.RS-232-Compatible Transceivers in µ.MAX ±15kV ESD-Protected, 460kbps, 1μA, RS-232-Compatible Transceivers in μMAX 15kV ESD-Protected, 460kbps, 1A, RS-232-Compatible Transceivers in MAX " ?à15kV ESD-Protected, 460kbps, 1?A, RS-232-Compatible Transceivers in ?MAX" 15kV ESD-Protected 460kbps 1A RS-232-Compatible Transceivers in MAX 【15kV ESD-Protected, 460kbps, 1レA, RS-232-Compatible Transceivers in レMAX 15kV ESD-Protected / 460kbps / 1A / RS-232-Compatible Transceivers in MAX ±15kV ESD-Protected, 460kbps, 1µA, RS-232-Compatible Transceivers in µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NCP362 |
USB Pos OV & Overcurrent Prot w/ ESD for VBus and Data Lines
|
ON Semiconductor
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
MAX3185 MAX3185CAP MAX3185CWP MAX3185EAP MAX3185EW |
±15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs ±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 【15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs 3V, ±15kV ESD-Protected, AutoShutdown Plus RS-232 Transceiver for PDAs and Cell Phones(3V, ±15kV ESD保护,自动关断,用于PDA和蜂窝式手机的RS-232收发器(5发))
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3190-BMAX3190E MAX3190EUT-T MAX3190 MAX3190E MA |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 15kV ESD-Protected / 460kbps / RS-232 Transmitters in SOT23-6 【15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6 ±15kV ESD-Protected, 460kbps, RS-232 Transmitters in SOT23-6
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX3280 MAX3280E MAX3280EAUK-T MAX3281EAUT-T MAX32 |
±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers 5kV ESD保护52Mbps的,3V.5V,SOT23封装的RS-485/RS-422真正的失效保护接收器 32-Bit Digital Signal Controller with Flash 100-BGA MICROSTAR -40 to 85 15kV ESD-Protected 52Mbps / 3V to 5.5V / SOT23 RS-485/RS-422 True Fail-Safe Receivers "?à15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers" ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23
RS-485/RS-422 True Fail-Safe Receivers 【15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
|