PART |
Description |
Maker |
BR35H160FVM-WCE2 BR35H640FVM-WCE2 BR35H128FVM-WCE2 |
125?/a> SPI BUS ICs BR35 Family Automotive Serial EEPROMs 125 SPI BUS ICs BR35 Family 16K X 8 SPI BUS SERIAL EEPROM, PDSO8 ROHS COMPLIANT, SOP-8 Automotive Serial EEPROMs
|
Rohm
|
HG4182 HG4182_012R-ZS4 HG4182_012-D HG4182_012-D4 |
Hex Bus Drivers With 3-State Outputs 16-CDIP -55 to 125 微型汽车可插 PCB功率继电 Cartridge Fuse; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 微型汽车可插 PCB功率继电 CAC 4C 4#12 PIN RECP BOX 微型汽车可插 PCB功率继电 MICRO AUTOMOTIVE PLUG IN /PCB POWER RELAY 微型汽车可插 PCB功率继电 Hex Bus Drivers With 3-State Outputs 16-CFP -55 to 125 Hex Bus Drivers With 3-State Outputs 20-LCCC -55 to 125 Quadruple 2-Input Positive-NOR Buffers With Open-Collector 14-CFP -55 to 125
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
DS25CP102Q DS25CP102QSQ |
Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
|
http://
|
FME6G20US60 |
Automotive Catalog Single Bus Buffer Gate With 3-State Output 5-SC70 -40 to 125 晶体管| IGBT功率模块| 3 - PH值大桥| 600V的五(巴西)国际消费电子展|甲一(c
|
Murata Power Solutions, Inc.
|
AUIRF7799L2TR |
A 250V Automotive Grade Single N-Channel HEXFET Power MOSFET in a DirectFET L8 package rated at 125 amperes optimized with low on resistance
|
International Rectifier
|
BR93H66-2C BR93H66RFVM-2CTR BR93H66RFVM-2CE2 BR93H |
Serial EEPROM Series Automotive EEPROM 125 Operation Microwire BUS EEPROM
|
Rohm
|
PM8355 |
Short Form PMC-2000791 PM8355 QuadPHY-II 4-Channel 2.125| 2.5 to 3.125 Gbit/s Transceiver with Half-rate Support Short Form Data Sheet [92 kB] 短表PMC - 2000791 PM8355 QuadPHY - 2 4通道2.125 | 2.5.125 Gbit / s的收发器采用半速率支持简表数据表[92 kB]
|
Applied Micro Circuits, Corp.
|
1N6628US 1N6628 1N6626US JANS1N6631US 1N6626 1N662 |
Ultra Fast Rectifier (less than 100ns) ULTRA FAST RECTIFIERS Automotive Catalog Single Output LDO, 750mA, Fixed(8.0V), Enable, 60V LoadDump Protection 5-DDPAK/TO-263 -40 to 125 1.75 A, SILICON, RECTIFIER DIODE Automotive Catalog Single Output LDO, 750mA, Fixed 5.0V), Enable, 60V LoadDump Protection 5-DDPAK/TO-263 -40 to 125 4 A, SILICON, RECTIFIER DIODE ULTRA FAST RECTIFIERS 1.75 A, SILICON, RECTIFIER DIODE
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
CR1206-8W-2150DT CR1206-8W-1R50DT CR1206-8W-120JT- |
RESISTOR, 0.125 W, 0.5 %, 50 ppm, 215 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 3.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 22.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1500 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 85.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 10.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 505 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 24.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 15 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 105 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 365 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 50.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 115 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 150 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 255 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 305 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 68 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 7.68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 6.73 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 73.2 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.3 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 10200 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1.13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.063 W, 1 %, 100 ppm, 590000 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.8 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1020 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 1.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 145 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 100000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1020000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT
|
Venkel, Ltd.
|
MAX5873 MAX5874 MAX5875 MAX5876 MAX5877 MAX5878 MA |
Quadruple Line Driver 14-CDIP -55 to 125 12位200Msps、高动态性能、双路DAC,CMOS输入 16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs Replaced by SN55189A : Quadruple Line Receiver 14-CDIP -55 to 125 Quadruple Line Driver 14-CFP -55 to 125 Quadruple Line Driver 20-LCCC -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MSB |
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
|
Schurter Inc.
|
D8M125V |
Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 125 VAC, 125 VDC
|
Schurter Inc.
|
|