PART |
Description |
Maker |
CS5180-CL |
Modulator & 8 kHz to 400 kHz 16-Bit ADC Modulator & 8 kHz to 400 kHz 16-Bit ADC 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC28
|
Cirrus Logic, Inc.
|
BF-30-I-A |
Infrarot-Temperatur-Messger?te
|
ASM GmbH
|
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD533 |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface Quad Voltage Output 12-Bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
Analog Devices, Inc.
|
CDB4360 CS4360-BZ CS4360-KS CS4360-KZ |
24-Bit/ 192 kHz 6 Channel D/A Converter 24-Bit / 192 kHz 6 Channel D/A Converter 24-Bit, 192 kHz 6 Channel D/A Converter SERIAL INPUT LOADING, 24-BIT DAC, PDSO28
|
Cirrus Logic, Inc.
|
IS7-1845ASRH-8 IS1-1845ASRH/PROTO IS7-1845ASRH/PRO |
Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Single Event Radiation Hardened High Speed, Current Mode PWM 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, CDIP8 CONNECTOR ACCESSORY 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, DFP18
|
Intersil Corporation Intersil, Corp.
|
2851 |
500 KHz bandpass filter
|
KR Electronics, Inc.
|
NMA2109-A2S |
Legacy 1 kHz to 500 MHz
|
Micronetics, Inc.
|
TP-103 |
RF Pulse Transformer, 500 KHz - 1 GHz
|
M/A-COM Technology Solutions, Inc.
|
AD7714YRUZ-REEL7 AD7714YRZ-REEL7 |
CMOS, 3V/5V, 500 µA, 24-Bit Sigma-Delta, Signal Conditioning ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 6-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24 CMOS, 3V/5V, 500 µA, 24-Bit Sigma-Delta, Signal Conditioning ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Automotive 6-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO24
|
Analog Devices, Inc.
|
MAAP-008739-CPA511 SMPA511 PA511-SMPA511 |
Cascadable Amplifier 10 to 500 MHz 10 MHz - 500 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
|