PART |
Description |
Maker |
AAT1140 AAT1140IGV-0.6-T1 AAT1140IGV-1.8-T1 |
Fast Transient 600mA Step-Down Converter
|
Advanced Analog Technology, Inc. Advanced Analogic Technologies
|
KB3511 KB3511A KB3511B |
High Efficiency, Low Noise, Fast Transient Dual 800mA, 2.2MHz Step-Down DC/DC Converter
|
Kingbor Technology Co
|
MP2040 |
Fast Transient Response 3A Dual Supply Very Low Dropout Linear Regulator
|
MPS
|
MP4470A MP4470AGL MP4470GL |
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter
|
Monolithic Power Systems
|
NB6381 |
High Efficiency Fast Transient 7A 28V Synchronous Step-down Converter
|
MPS
|
MC33502D MC33502P |
LOW VOLTAGE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIER DUAL OP-AMP, 7000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO8 Single Output LDO, 400mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23 -40 to 85 低电压轨至轨双路运算放大 Single Output LDO, 400mA, Fixed(2.85V), Low Noise, Fast Transient Response 5-SOT-23 -40 to 85 DUAL OP-AMP, 7000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDIP8
|
ON Semiconductor
|
NB650GL NB650H NB650HGL |
High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
|
Monolithic Power Systems
|
MPQ4470AGL MPQ4470GL MPQ4470GL-AEC1 |
High-Efficiency, Fast-Transient, 5A, 36V Synchronous, Step-Down Converter AEC-Q100 Qualified
|
Monolithic Power Systems
|
AP7332-1233FM-7 AP7332-1233W6-7 AP7332-1218W6-7 AP |
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
|
Diodes Incorporated
|
P6KE200C P6KE9.1 P6KE9.1C P6KE47C P6KE51C P6KE30 P |
600W TRANSIENT VOLTAGE SUPPRESSORS Reverse stand-off voltage: 128.00V, 600W transient voltage suppressor Reverse stand-off voltage: 138.00V, 600W transient voltage suppressor Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 600W TRANSIENT VOLTAGE SUPPRESSORS 600W瞬态电压抑制器 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Reverse stand-off voltage: 171.00V, 600W transient voltage suppressor
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] Panjit International Inc Microsemi
|