PART |
Description |
Maker |
CZT7090L |
SMD Bipolar Power Transistor PNP Low VCE(SAT) SURFACE MOUNT LOW VCE(SAT) PNP SILICON POWER TRANSISTO
|
CENTRAL[Central Semiconductor Corp]
|
2SC3242 2SC3242A |
900mW Lead frame NPN transistor, maximum rating: 20V Vceo, 2A Ic, 150 to 500 hFE. Complementary 2SA1282A 900mW Lead frame NPN transistor, maximum rating: 16V Vceo, 2A Ic, 150 to 800 hFE. Complementary 2SA1282 FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
|
Isahaya Electronics Corporation
|
SPMWHT520AN2BAA0S0 |
Lead Frame Type LED Package (5.2 * 6.0 * t 1.3mm)
|
List of Unclassifed Manufacturers
|
RPM7237-H8R RPM7237-H9R |
Lead Frame Remote Control Receiver Modules (3V Type)
|
ROHM
|
SSC-STW0Q2PA |
Lead Frame type LED PKG size: 5.6*3.0 thickness 0.9mm
|
Seoul Semiconductor
|
B5B-437-CV |
B5B-437-CV is a InGaN LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
B5B-435-TL |
B5B-435-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
B5B-435-30S |
B5B-435-30S is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
PN2222A-AP PN2222A-BP PN2222A |
600mW NPN General Purpose Amplifier
|
Micro Commercial Components
|
2SC3581 |
900mW Lead frame NPN transistor, maximum rating: 50V Vceo, 400mA Ic, 90 to 500 hFE. Complementary 2SA1399 SMALL-SIGNAL TRANSISTOR
|
Isahaya Electronics Corporation
|
2SD1972 |
2W Lead frame NPN transistor, maximum rating: 60V Vceo, 3A Ic, 250 to 800 hFE. For Low Frequency Power Amplify Application Silicon NPN Epitaxial Planar type
|
ISAHAYA[Isahaya Electronics Corporation] N.A.
|