PART |
Description |
Maker |
BZG05C BZG05C10 BZG05C100 BZG05C11 BZG05C12 BZG05C |
High Precision 10 V Reference; Package: CHIPS OR DIE; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 High Precision 10 V Reference; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 2.5 V/3.0 V Ultrahigh Precision Bandgap Voltage Reference; Package: PDIP; No of Pins: 8; Temperature Range: Industrial 硅的Z -二极 High Precision 10 V Reference; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 硅的Z -二极 Silicon Z-Diodes 硅的Z -二极 High Precision 10 V Reference; Package: CerDIP; No of Pins: 8; Temperature Range: Military Silicon Z-Diode(稳压应用电压范围3.3-100V的齐纳二极管) From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix] Vishay Telefunken
|
PHT |
High Precision Wraparound - High Temperature (230 掳C) Thin Film Chip Resistors
|
Vishay Siliconix
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
TX-4020-EAJ-1470 TX-4020-DAJ-1470 TX-4020-DAE-1070 |
Temperature Compensated Crystal Oscillator High Precision
|
Vectron International, Inc
|
5962R9574101VEC |
High-Precision Voltage References with Temperature Sensor 编码
|
NEC, Corp.
|
5962R9573901VCC |
High-Precision Voltage References with Temperature Sensor 输入与非
|
TE Connectivity, Ltd.
|
ADDAC71H-COB-V ADDAC71H-COB-I ADDAC71H-CSB-V ADDAC |
500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual and Quad Precision Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 16-Bit Digital-to-Analog Converter 16位数字到模拟转换
|
ATM Electronic, Corp. Carlo Gavazzi Bourns, Inc.
|
ADR525BRTZ-REEL7 ADR530BKSZ-REEL7 ADR520BKSZ-REEL7 |
High Precision Shunt Mode Voltage Reference (2.5 V); Package: SOT-23; No of Pins: 3; Temperature Range: Automotive 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO3 High Precision Shunt Mode Voltage Reference (3.0 V); Package: SC70; No of Pins: 3; Temperature Range: Automotive 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 3 V, PDSO3 High Precision Shunt Mode Voltage Reference (2.048 V); Package: SC70; No of Pins: 3; Temperature Range: Automotive
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BYZ50K47 BYZ50A22 BYZ50A27 BYZ50A33 BYZ50A39 BYZ50 |
Precision 1 A regulators Silicon Protectifiers with TVS characteristics High-temperature diodes
|
DIOTEC SEMICONDUCTOR AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
MF51E3380 MF51E4300 MF51E3470 MF51E4150 MF51E4050 |
MF51E High Precision NTC Thermistors for Extremely Accurate Temperature Measurement
|
http:// List of Unclassifed Manufacturers ETC
|
PMA0207 |
Metal Film Resistors, Precision, High Stability 金属膜电阻器,高精度,高稳定 Metal Film Resistors, Precision, High Stability, Special stabilized metal alloy on high quality ceramic, Suitable for precision measuring techniques and precision control engineering
|
VISAY[Vishay Siliconix]
|