PART |
Description |
Maker |
NTE16022-ECG NTE16000-ECG NTE16005-ECG NTE16010-EC |
Polymetric positive temperature coefficient (PTC) resettable fuse. Polymeric Positive Temperature Coefficient (PTC) Resettable Fuses
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
MF-USMF005-2 MF-USMF010-2 MF-USMF175X MF-USMF075 |
FUSE RESETTABLE .05A 30V HLD SMD RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT FUSE RESETTABLE .10A 30V HLD SMD RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, SURFACE MOUNT MF-USMF Series - PTC Resettable Fuses PC motherboards Digital cameras
|
Bourns, Inc. Bourns Electronic Solutions Bourns Electronic Solut...
|
PTB401-85R6-CB452 PTB401-85R6-BB452 PTB401-85R6-DB |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 85.6 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.06 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 7.06 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 8.06 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 18.9 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.18 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 18.4 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 18.7 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 18.2 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 8.45 ohm, THROUGH HOLE MOUNT AXIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.01 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 2.94 ohm, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, TEMPERATURE DEPENDENT, PTC, 1.02 ohm, THROUGH HOLE MOUNT RADIAL LEADED
|
RCD Components, Inc.
|
PTH8L05AR151H8B506 PTH8L05AR151H8B590 PTH8L07AR250 |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 150 ohm, THROUGH HOLE MOUNT RESISTOR, TEMPERATURE DEPENDENT, PTC, 25 ohm, THROUGH HOLE MOUNT
|
Murata Manufacturing Co., Ltd.
|
232267191055 232267191106 232267191105 23226719110 |
PTC Thermistors For Temperature Protection
|
Vishay
|
232267191105 232267191 232267191002 232267191005 2 |
PTC Thermistors, For Temperature Protection
|
Vishay Siliconix
|
TRS0805 |
PTC Thinfilm Temperature Sensors
|
Willow Technologies Ltd
|
YPAL0.45X YPBJ3.70X YPBL9.40X |
RESISTOR, TEMPERATURE DEPENDENT, PTC
|
Diodes, Inc. Thomas
|
PT722AT70CTE471 |
ptc chip thermistor (for over-temperature protection)
|
KOA Speer Electronics, Inc.
|
PTCSSCWT151DBE |
Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 100 ohm, CHASSIS MOUNT, ROHS COMPLIANT
|
Vishay BCcomponents
|
AT49LV010 AT49LV010- AT49LV010-12TI AT49LV010-12TC |
RESISTOR, PTC, CAP CHARGE, 650VDC; Series:B5920; Thermistor type:PTC; Resistance:56R; Tolerance, resistance: /-30%; Temp, op. max: 125(degree C); Voltage, operating:650V; Case style:Radial; Depth, external:12.5mm; Diameter, RoHS Compliant: Yes THERMISTOR, PTC; Series:B59155; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes THERMISTOR, PTC; Series:B591; Thermistor type:PTC; Resistance:100R; Temp, op. max:180(degree C); Voltage, operating:30V; Diameter, body:4mm; Length / Height, external:14mm; Length, lead:500mm; Resistance at temperature:100R; RoHS Compliant: Yes 1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory 128K X 8 FLASH 3V PROM, 55 ns, PDSO32 LM431 Adjustable Precision Zener Shunt Regulator; Package: TO-92; No of Pins: 3 128K X 8 FLASH 2.7V PROM, 150 ns, PDSO32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
71PTC209F120150 |
RESISTOR, TEMPERATURE DEPENDENT, PTC, 2 ohm, THROUGH HOLE MOUNT
|
Maida Development Company
|
|